Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT08 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT08
Description  SN74ACT08-Q1 Automotive Quadruple 2-Input AND Gates With TTL-Compatible Inputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT08 Datasheet(HTML) 5 Page - Texas Instruments

  SN74ACT08 Datasheet HTML 1Page - Texas Instruments SN74ACT08 Datasheet HTML 2Page - Texas Instruments SN74ACT08 Datasheet HTML 3Page - Texas Instruments SN74ACT08 Datasheet HTML 4Page - Texas Instruments SN74ACT08 Datasheet HTML 5Page - Texas Instruments SN74ACT08 Datasheet HTML 6Page - Texas Instruments SN74ACT08 Datasheet HTML 7Page - Texas Instruments SN74ACT08 Datasheet HTML 8Page - Texas Instruments SN74ACT08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
THERMAL METRIC(1)
UNIT
PW (TSSOP)
14 PINS
ΨJB
Junction-to-board characterization parameter
100.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
5.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
-40°C to 125°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VOH
IOH = -50µA
4.5V
4.4
4.49
4.4
V
5.5V
5.4
5.49
5.4
IOH = -24mA
4.5V
3.94
3.7
IOH = -24mA
5.5V
4.86
4.7
IOH = -50mA
5.5V
3.85
IOH = -75mA
5.5V
3.85
VOL
IOH = 50µA
4.5V
0.001
0.1
0.1
V
5.5V
0.001
0.1
0.1
IOH = 24mA
4.5V
0.36
0.5
IOH = 24mA
5.5V
0.36
0.5
IOH = 50mA
5.5V
1.65
IOH = 75mA
5.5V
1.65
II
VI = 5.5V or GND
0V to 5.5V
±0.1
±1
µA
ICC
VI = VCC or GND, IO = 0
5.5V
2
80
µA
ΔICC
VI = VCC – 2.1V; Any Input
4.5V to 5.5V
0.6
1.2
1.5
mA
CI
VI = VCC or GND
5V
8
pF
CPD (1) (2)
CL = 50pF, F = 1MHz
5V
14
pF
(1)
CPD is used to determine the dynamic power consumption, per channel
(2)
PD= VCC 2xFIx(CPD+ CL) where FI= input frequency, CL= output load capacitance, VCC= supply voltage
5.6 Switching Characteristics
CL = 50pF; over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted). See
Parameter Measurement Information.
PARAME
TER
FROM (INPUT)
TO (OUTPUT)
VCC
TA = 25°C
-40°C to 125°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
tPLH
A or B
Y
5V
1
6.5
9
1
10
ns
tPHL
5V
1
6.5
9
1
10
ns
tr
Y
5V
2.4
3.9
3
4.6
ns
tf
5V
2.3
3.4
2.6
4.1
ns
www.ti.com
SN74ACT08-Q1
SCAS993A – MARCH 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN74ACT08-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com