Electronic Components Datasheet Search
  English  ▼

X  

MAX1065CEUI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1065CEUI
Description  Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1065CEUI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1065CEUI Datasheet HTML 1Page - Maxim Integrated Products MAX1065CEUI Datasheet HTML 2Page - Maxim Integrated Products MAX1065CEUI Datasheet HTML 3Page - Maxim Integrated Products MAX1065CEUI Datasheet HTML 4Page - Maxim Integrated Products MAX1065CEUI Datasheet HTML 5Page - Maxim Integrated Products MAX1065CEUI Datasheet HTML 6Page - Maxim Integrated Products MAX1065CEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1065CEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1065CEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Low-Power, 14-Bit Analog-to-Digital Converters
with Parallel Interface
_______________________________________________________________________________________
5
DNL vs. OUTPUT CODE
OUTPUT CODE
12288
8192
4096
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
16384
INL vs. OUTPUT CODE
OUTPUT CODE
12288
8192
4096
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
0
16384
IAVDD + IDVDD SUPPLY CURRENT
vs. SAMPLE RATE
CONVERSION RATE (ksps)
100
10
1
0.1
0.001
0.01
0.1
1
10
0.0001
0.01
1000
IAVDD + IDVDD SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
40
20
0
-20
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
-40
SAMPLE RATE = 165ksps
IAVDD + IDVDD SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
40
20
0
-20
5.0
0
-40
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
INTERNAL REFERENCE
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
40
20
0
-20
4.136
4.056
-40
4.066
4.076
4.086
4.096
4.106
4.116
4.126
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
40
20
0
-20
1000
0
-40
-800
-600
-400
-200
0
200
400
600
800
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
40
20
0
-20
0.020
-0.020
-40
-0.015
-0.010
-0.005
0
0.005
0.010
0.015
SINAD vs. FREQUENCY
FREQUENCY (kHz)
10
1
10
20
30
40
50
60
70
80
90
100
0
0.1
100
SAMPLE RATE = 165ksps
Typical Operating Characteristics
(AVDD = DVDD = 5V, external reference = 4.096V, CREF = 1µF, CREFADJ = 0.1µF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com