Electronic Components Datasheet Search
  English  ▼

X  

TPM Datasheet(PDF) 5 Page - TRACO Electronic AG

Part # TPM
Description  Mini Switcher
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TPM Datasheet(HTML) 5 Page - TRACO Electronic AG

  TPM Datasheet HTML 1Page - TRACO Electronic AG TPM Datasheet HTML 2Page - TRACO Electronic AG TPM Datasheet HTML 3Page - TRACO Electronic AG TPM Datasheet HTML 4Page - TRACO Electronic AG TPM Datasheet HTML 5Page - TRACO Electronic AG TPM Datasheet HTML 6Page - TRACO Electronic AG TPM Datasheet HTML 7Page - TRACO Electronic AG TPM Datasheet HTML 8Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
http://www.tracopower.com
Page 5
Specifications can be changed without notice
Pin diameter ø 1.1 ±0.1 (0.043 ±0.004)
TPM 10/15 W
Pin-Out
Pin
Single
Dual
Triple
1
–V out
–V out
–V out 3
2
No Pin
No Pin
–V out 1
3
No Pin
Common Com. 2/3
4
No Pin
No Pin
+V out 1
5
+V out
+V out
+V out 2
6
AC in
AC in
AC in
7
AC in
AC in
AC in
PCB-mounting with solder pins
Weight
TPM 10
150 g (0.33 lb)
TPM 15
150 g (0.33 lb)
Outline Dimensions mm (inches)
Bottom view
7
1
2
3
4
5
6
Self cutting screws ø 3.5 mm (0.14)
7.5 mm (0.3) depth max.
76 ±0.5
(3.0 ±0.02)
66 ±0.4
(2.6 ±0.016)
5
(0.2)
38 ±0.5
(1.5 ±0.02)
22.5 ±0.2
(0.89 ±0.008)
10
(0.39)
MiniSwitcher
TPM Series 5, 10, 15, 30 Watt



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com