Electronic Components Datasheet Search
  English  ▼

X  

TPM05124 Datasheet(PDF) 4 Page - TRACO Electronic AG

Part # TPM05124
Description  Mini Switcher
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TPM05124 Datasheet(HTML) 4 Page - TRACO Electronic AG

  TPM05124 Datasheet HTML 1Page - TRACO Electronic AG TPM05124 Datasheet HTML 2Page - TRACO Electronic AG TPM05124 Datasheet HTML 3Page - TRACO Electronic AG TPM05124 Datasheet HTML 4Page - TRACO Electronic AG TPM05124 Datasheet HTML 5Page - TRACO Electronic AG TPM05124 Datasheet HTML 6Page - TRACO Electronic AG TPM05124 Datasheet HTML 7Page - TRACO Electronic AG TPM05124 Datasheet HTML 8Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
http://www.tracopower.com
Page 4
Specifications can be changed without notice
TPM 5 W
Pin-Out
Pin
Single
Dual
1
AC in
AC in
2
AC in
AC in
3
–V out
–V out
4
no pin
Common
5
+V out
+V out
Pin diameter ø 1.0 ±0.1 (0.04 ±0.004)
PCB-mounting with solder pins
Weight
TPM 5
90 g (0.02 lb)
Outline Dimensions mm (inches)
50.8 ±0.5
(2.0 ±0.02)
Bottom view
12
34
5
22 ±0.4
(0.87 ±0.016)
22 ±0.4
(0.87 ±0.016)
3.4 ±0.4
(0.13 ±0.016)
15 ±0.4
(0.6 ±0.016)
20 ±0.5
(0.89 ±0.02)
3.8
(0.15)
MiniSwitcher
TPM Series 5, 10, 15, 30 Watt



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com