Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 206 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 206 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 202Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 203Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 204Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 205Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 206Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 207Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 208Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 209Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 210Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
4-34
Freescale Semiconductor
Table 4-12 describes SIUMCR fields.
Table 4-12. SIUMCR Register Field Descriptions
Bits
Name
Description
0
BBD
Bus busy disable.
0 ABB/IRQ2 pin is ABB, DBB/IRQ3 pin is DBB
1 ABB/IRQ2 pin is IRQ2, DBB/IRQ3 pin is IRQ3
1
ESE
External snoop enable. Configures GBL/IRQ1
0 External snooping disabled. (GBL/IRQ1 pin is IRQ1)
1 External snooping enabled. (GBL/IRQ1 pin is GBL)
2
PBSE
Parity byte select enable.
0 Parity byte select is disabled. GPL4 output of UPM is available for memory control.
1 Parity byte select is enabled. GPL4 pin is used as parity byte select output from the MPC8280.
Note: Should not be set if BRx[DECC] = 00. Refer to Section 11.3.1, “Base Registers (BRx).”
3
CDIS
Core disable.
0 The MPC8280 core is enabled.
1 The MPC8280 core is disabled. MPC8280 functions as a slave device.
4–5
DPPC
Data parity pins configuration. Note that the additional arbitration lines (EXT_BR2, EXT_BG2,
EXT_DBG2, EXT_BR3, EXT_BG3, and EXT_DBG3) are operational only when ACR[EARB] = 0.
Setting EARB (to choose external arbiter) combined with programming DPPC to 11 deactivates these
lines.
Pin
DPPC
00
01
10
11
DP(0)/RSRV
—
DP(0)
RSRV
EXT_BR2
DP(1)/IRQ1
IRQ1
DP(1)
IRQ1
EXT_BG2
DP(2)/TLBISYNC/IRQ2
IRQ2
DP(2)
TLBISYNC
EXT_DBG2
DP(3)/IRQ3
IRQ3
DP(3)
CKSTP_OUT
EXT_BR3
DP(4)/IRQ4
IRQ4
DP(4)
CORE_SRE
SET
EXT_BG3
DP(5)/TBEN/IRQ5/CINT
IRQ5
DP(5)
TBEN
EXT_DBG3
DP(6)/CSE(0)/IRQ6
IRQ6
DP(6)
CSE(0)
IRQ6
DP(7)/CSE(1)/IRQ7
IRQ7
DP(7)
CSE(1)
IRQ7
6–7
L2CPC
L2 cache pins configuration.
Pin
Multiplexing
L2CPC = 00
L2CPC = 01
L2CPC = 10
CI/BADDR(29)/IRQ2
CI
IRQ2
BADDR(29)
WT/BADDR(30)/IRQ3
WT
IRQ3
BADDR(30)
L2_HIT/IRQ4
L2_HIT
IRQ4
—
CPU_BG/BADDR(31)/IRQ5/CINT
CPU_BG
IRQ5
BADDR(31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com