Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
xxviii
Freescale Semiconductor
Contents
Paragraph
Number
Title
Page
Number
24.4.1
Synchronization in NMSI Mode................................................................................ 24-3
24.4.1.1
In-Line Synchronization Pattern............................................................................ 24-3
24.4.1.2
External Synchronization Signals.......................................................................... 24-3
24.4.1.2.1
External Synchronization Example ................................................................... 24-4
24.4.1.3
Transparent Mode without Explicit Synchronization ............................................ 24-5
24.4.2
Synchronization and the TSA .................................................................................... 24-5
24.4.2.1
Inline Synchronization Pattern .............................................................................. 24-5
24.4.2.2
Inherent Synchronization....................................................................................... 24-5
24.4.3
End of Frame Detection ............................................................................................. 24-5
24.5
CRC Calculation in Transparent Mode.......................................................................... 24-6
24.6
SCC Transparent Parameter RAM................................................................................. 24-6
24.7
SCC Transparent Commands......................................................................................... 24-6
24.8
Handling Errors in the Transparent Controller .............................................................. 24-7
24.9
Transparent Mode and the PSMR .................................................................................. 24-8
24.10
SCC Transparent Receive Buffer Descriptor (RxBD) ................................................... 24-8
24.11
SCC Transparent Transmit Buffer Descriptor (TxBD)................................................ 24-10
24.12
SCC Transparent Event Register (SCCE)/Mask Register (SCCM)............................. 24-11
24.13
SCC Status Register in Transparent Mode (SCCS) ..................................................... 24-12
24.14
SCC2 Transparent Programming Example.................................................................. 24-13
Chapter 25
SCC Ethernet Mode
25.1
Ethernet on the MPC8280.............................................................................................. 25-1
25.2
Features .......................................................................................................................... 25-2
25.3
Connecting the MPC8280 to Ethernet ........................................................................... 25-4
25.4
SCC Ethernet Channel Frame Transmission ................................................................. 25-5
25.5
SCC Ethernet Channel Frame Reception....................................................................... 25-6
25.6
The Content-Addressable Memory (CAM) Interface.................................................... 25-6
25.7
SCC Ethernet Parameter RAM ...................................................................................... 25-7
25.8
Programming the Ethernet Controller............................................................................ 25-9
25.9
SCC Ethernet Commands .............................................................................................. 25-9
25.10
SCC Ethernet Address Recognition............................................................................. 25-11
25.11
Hash Table Algorithm.................................................................................................. 25-12
25.12
Interpacket Gap Time................................................................................................... 25-12
25.13
Handling Collisions ..................................................................................................... 25-12
25.14
Internal and External Loopback................................................................................... 25-13
25.15
Full-Duplex Ethernet Support...................................................................................... 25-13
25.16
Handling Errors in the Ethernet Controller.................................................................. 25-13
25.17
Ethernet Mode Register (PSMR) ................................................................................. 25-14
25.18
SCC Ethernet Receive BD ........................................................................................... 25-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com