Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 1386 page
background image
Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
1-12
Freescale Semiconductor
Table 1-3 shows serial performance for the MPC8270, which does not support ATM (155-Mbps).
FCCs can also be used to run slower HDLC or 10 BaseT, for example. The CP’s RISC architecture has the
advantage of using common hardware resources for all FCCs.
1.7
Application Examples
The MPC8280 can be configured to meet many system application needs, as described in the following
sections and shown in Figure 1-3 through Figure 1-11.
NOTE: Differences among MPC8280 PowerQUICC II Family Devices
Refer to Figure 1-1 and Section 1.1, “Features,” to determine possible
differences in features between a given device and the following
descriptions.
1.7.1
Communication Systems
The following sections describe the following examples of communication systems:
•
Section 1.7.1.1, “Remote Access Server”
•
Section 1.7.1.2, “Regional Office Router”
•
Section 1.7.1.3, “LAN-to-WAN Bridge Router”
•
Section 1.7.1.4, “Cellular Base Station”
•
Section 1.7.1.5, “Telecommunications Switch Controller”
•
Section 1.7.1.6, “SONET Transmission Controller”
Table 1-3. MPC8270 Serial Performance
FCC 1
FCC 2
FCC 3
MCC
CPM Clock
(MHz)
60x Bus
Clock (MHz)
100 BaseT
100 BaseT
100 BaseT
133
66
100 BaseT
100 BaseT
128 * 64 Kbps channels
133
66
100 BaseT
45-Mbps
128 * 64 Kbps channels
133
66
45-Mbps HDLC
45-Mbps
128 * 64 Kbps channels
133
66
45-Mbps HDLC
45-Mbps
100 BaseT
128 * 64 Kbps channels
133
66
100 BaseT
45-Mbps
100 BaseT
8 * 576 Kbps channels
133
66
100 BaseT
100 BaseT
100 BaseT
128 * 64 Kbps channels
133
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com