Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 117 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 117 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 117Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 118Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 121Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
2-1
Chapter 2
G2_LE Core
The MPC8280 contains an embedded G2_LE processor core, which is a derivative of the G2 core and the
original MPC603e PowerPC microprocessor design. This chapter provides an overview of the basic
functionality of the G2_LE processor core. For detailed information regarding the processor, refer to the
following:
•
G2 PowerPC Core Reference Manual
•
The Programming Environments for 32-Bit Implementations of the PowerPC Architecture
This section describes the details of the processor core, provides a block diagram showing the major
functional units, and briefly describes how those units interact.
MPC8280-specific implementation includes most of the G2_LE features. The unimplemented features are
described in the Section 2.2, “G2_LE Core Features.”
The signals associated with the processor core are described individually in Chapter 7, “60x Signals.”
Chapter 8, “The 60x Bus,” describes how those signals interact.
2.1
Overview
The processor core is a low-power implementation of the family reduced instruction set computing (RISC)
microprocessors that implement the PowerPC architecture. The processor core implements the 32-bit
portion of the PowerPC architecture, which supports 32-bit effective addresses, integer data types of 8, 16,
and 32 bits, and floating-point data types of 32 and 64 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com