Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 152 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 152 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 148Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 149Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 150Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 151Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 152Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 153Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 154Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 155Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 156Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 1386 page
background image
Memory Map
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
3-8
Freescale Semiconductor
0x10C04
SIU interrupt vector register (SIVEC)
R/W
32 bits
0x0000_0000
4.3.1.6/4-24
0x10C08
SIU interrupt pending register (high) (SIPNR_H)
R/W
32 bits
undefined
4.3.1.4/4-21
0x10C0C
SIU interrupt pending register (low) (SIPNR_L)
R/W
32 bits
0x0000_0000
4.3.1.4/4-21
0x10C10
SIU interrupt priority register (SIPRR)
R/W
32 bits
0x0530_9770
4.3.1.2/4-18
0x10C14
CPM interrupt priority register (high) (SCPRR_H)
R/W
32 bits
0x0530_9770
4.3.1.3/4-19
0x10C18
CPM interrupt priority register (low) (SCPRR_L)
R/W
32 bits
0x0530_9770
4.3.1.3/4-19
0x10C1C
SIU interrupt mask register (high) (SIMR_H)
R/W
32 bits
0x0000_0000
4.3.1.5/4-22
0x10C20
SIU interrupt mask register (low) (SIMR_L)
R/W
32 bits
0x0000_0000
4.3.1.5/4-22
0x10C24
SIU external interrupt control register (SIEXR)
R/W
32 bits
0x0000_0000
4.3.1.7/4-25
0x10C28–
0x10C7F
Reserved
—
88 bytes
—
—
Clocks and Reset
0x10C80
System clock control register (SCCR)
R/W
32 bits
see Table 10-2
10.4/10-6
0x10C88
System clock mode register (SCMR)
R
32 bits
see Table 10-3
10.5/10-7
0x10C90
Reset status register (RSR)
R/W
32 bits
0x0000_0003
5.2/5-4
0x10C94
Reset mode register (RMR)
R/W
32 bits
0x0000_0000
5.3/5-5
0x10C98–
0x10CFF
Reserved
—
104
bytes
——
Input/Output Port
0x10D00
Port A data direction register (PDIRA)
R/W
32 bits
0x0000_0000
41.2.3/41-3
0x10D04
Port A pin assignment register (PPARA)
R/W
32 bits
0x0000_0000
41.2.4/41-4
0x10D08
Port A special options register (PSORA)
R/W
32 bits
0x0000_0000
41.2.5/41-4
0x10D0C
Port A open drain register (PODRA)
R/W
32 bits
0x0000_0000
41.2.1/41-2
0x10D10
Port A data register (PDATA)
R/W
32 bits
0x0000_0000
41.2.2/41-2
0x10D14–
0x10D1F
Reserved
—
12 bytes
—
—
0x10D20
Port B data direction register (PDIRB)
R/W
32 bits
0x0000_0000
41.2.3/41-3
0x10D24
Port B pin assignment register (PPARB)
R/W
32 bits
0x0000_0000
41.2.4/41-4
0x10D28
Port B special option register (PSORB)
R/W
32 bits
0x0000_0000
41.2.5/41-4
0x10D2C
Port B open drain register (PODRB)
R/W
32 bits
0x0000_0000
41.2.1/41-2
0x10D30
Port B data register (PDATB)
R/W
32 bits
0x0000_0000
41.2.2/41-2
0x10D34–
0x10D3F
Reserved
—
12 bytes
—
—
Table 3-1. Internal Memory Map (continued)
Address
(offset)
Register
R/W
Size
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com