Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 157 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 157 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 153Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 154Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 155Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 156Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 157Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 158Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 159Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 160Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 161Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 1386 page
background image
Memory Map
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
3-13
FCC3
0x11340
FCC3 general mode register (GFMR3)
R/W
32 bits
0x0000_0000
30.2/30-3
0x11344
FCC3 protocol-specific mode register (FPSMR3)
R/W
32 bits
0x0000_0000
31.13.2/31-85
(ATM)
34.4.2.1.1/34-2
2
(IMA)
36.18.1/36-19
(Ethernet)
37.6/37-8
(HDLC)
0x11348
FCC3 transmit on-demand register (FTODR3)
R/W
16 bits
0x0000
30.5/30-9
0x1134A
Reserved
—
16 bits
—
—
0x1134C
FCC3 data synchronization register (FDSR3)
R/W
16 bits
0x7E7E
30.4/30-8
0x1134E
Reserved
—
16 bits
—
—
0x11350
FCC3 event register (FCCE3)
R/W
16 bits
0x0000
31.13.3/31-88
(ATM)
36.18.2/36-21
(Ethernet)
37.9/37-14
(HDLC)
0x11352
Reserved
—
16 bits
—
—
0x11354
FCC3 mask register (FCCM3)
R/W
16 bits
0x0000
31.13.3/31-88
(ATM)
36.18.2/36-21
(Ethernet)
37.9/37-14
(HDLC)
0x11356
Reserved
—
16 bits
—
—
0x11358
FCC3 status register (FCCS3)
R
16 bits
0x0000
37.10/37-16
(HDLC)
0x11359–
0x11379
Reserved
—
32 bytes
—
—
FCC1 Extended Registers
0x11380
FCC1 internal rate port enable register (FIRPER1)
—
32 bit
0x0000_0000
31.15.1.4/31-93
0x11384
FCC1 internal rate event register (FIRER1)
—
32 bit
0x0000_0000
31.15.1.5/31-94
0x11388
FCC1 internal rate select register high (FIRSR1_HI)
—
32 bit
0x0000_0000
31.15.1.6/31-95
0x1138C
FCC1 internal rate select register low (FIRSR1_LO)
—
32 bit
0x0000_0000
31.15.1.6/31-95
0x11390
FCC1 general extended mode register (GFEMR1)
—
8 bit
0x00
30.2.1/30-7
Table 3-1. Internal Memory Map (continued)
Address
(offset)
Register
R/W
Size
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com