Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 162 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 162 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 158Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 159Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 160Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 161Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 162Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 163Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 164Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 165Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 166Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 1386 page
background image
Memory Map
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
3-18
Freescale Semiconductor
0x1186D
Reserved
—
24 bits
—
—
0x11870
I2C event register (I2CER)
R/W
8 bits
0x00
40.4.4/40-7
0x11871
Reserved
—
24 bits
—
—
0x11874
I2C mask register (I2CMR)
R/W
8 bits
0x00
40.4.4/40-7
0x11875–
0x119BF
Reserved
—
315
bytes
——
Communications Processor
0x119C0
Communications processor command register (CPCR)
R/W
32 bits
0x0000_0000
14.4.1/14-12
0x119C4
CP configuration register (RCCR)
R/W
32 bits
0x0000_0000
14.3.7/14-9
0x119C8–
0x119D5
Reserved
—
14 bytes
—
—
0x119D6
CP timers event register (RTER)
R/W
16 bits
0x0000_0000
14.6.4/14-25
0x119DA
CP timers mask register (RTMR)
R/W
16 bits
0x0000_0000
0x119DC
CP time-stamp timer control register (RTSCR)
—
16 bits
0x0000
14.3.8/14-10
0x119DE
Reserved
R/W
16 bits
—
0x119E0
CP time-stamp register (RTSR)
R/W
32 bits
0x0000
14.3.9/14-11
BRGs 1–4
0x119F0
BRG1 configuration register (BRGC1)
R/W
32 bits
0x0000_0000
17.1/17-2
0x119F4
BRG2 configuration register (BRGC2)
R/W
32 bits
0x0000_0000
0x119F8
BRG3 configuration register (BRGC3)
R/W
32 bits
0x0000_0000
0x119FC
BRG4 configuration register (BRGC4)
R/W
32 bits
0x0000_0000
SCC1
0x11A00
SCC1 general mode register (GSMR_L1)
R/W
32 bits
0x0000_0000
20.1.1/20-3
0x11A04
SCC1 general mode register (GSMR_H1)
R/W
32 bits
0x0000_0000
0x11A08
SCC1 protocol-specific mode register (PSMR1)
R/W
16 bits
0x0000
20.1.2/20-9
21.16/21-13
(UART)
22.8/22-7
(HDLC)
23.11/23-10
(BISYNC)
24.9/24-8
(Transparent)
25.17/25-14
(Ethernet)
0x11A0A
Reserved
—
16 bits
—
—
Table 3-1. Internal Memory Map (continued)
Address
(offset)
Register
R/W
Size
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com