Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 168 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 168 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 164Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 165Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 166Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 167Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 168Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 169Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 170Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 171Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 172Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 1386 page
background image
Memory Map
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
3-24
Freescale Semiconductor
0x11B2E
SI1 RAM shadow address register (SI1RSR)
R/W
16 bits
0x0000
15.5.3/15-24
MCC1 Registers1
0x11B30
MCC1 event register (MCCE1)1
R/W
16 bits
0x0000
29.8.1/29-36
0x11B32
Reserved
—
16 bits
—
0x11B34
MCC1 mask register (MCCM1)1
R/W
16 bits
0x0000
29.8.1/29-36
0x11B36
Reserved
—
16 bits
—
—
0x11B38
MCC1 configuration register (MCCF1)1
R/W
8 bits
0x00
29.6/29-32
0x11B39–
0x11B3F
Reserved
—
7 bytes
—
—
SI2 Registers
0x11B40
SI2 TDMA2 mode register (SI2AMR)
R/W
16 bits
0x0000
15.5.2/15-17
0x11B42
SI2 TDMB2 mode register (SI2BMR)
R/W
16 bits
0x0000
0x11B44
SI2 TDMC2 mode register (SI2CMR)
R/W
16 bits
0x0000
0x11B46
SI2 TDMD2 mode register (SI2DMR)
R/W
8 bits
0x0000
0x11B48
SI2 global mode register (SI2GMR)
R/W
8 bits
0x00
15.5.1/15-17
0x11B49
Reserved
—
8 bits
—
—
0x11B4A
SI2 command register (SI2CMDR)
R/W
8 bits
0x00
15.5.4/15-24
0x11B4B
Reserved
—
8 bits
—
—
0x11B4C
SI2 status register (SI2STR)
R/W
8 bits
0x00
15.5.5/15-25
0x11B4D
Reserved
—
16 bits
—
—
0x11B4E
SI2 RAM shadow address register (SI2RSR)
R/W
16 bits
0x0000
15.5.3/15-24
MCC2 Registers
0x11B50
MCC2 event register (MCCE2)
R/W
16 bits
0x0000
29.8.1/29-36
0x11B52
Reserved
—
16 bits
—
—
0x11B54
MCC2 mask register (MCCM2)
R/W
16 bits
0x0000
29.8.1/29-36
0x11B56
Reserved
—
16 bits
—
—
0x11B58
MCC2 configuration register (MCCF2)
R/W
8 bits
0x00
29.6/29-32
0x11B59
Reserved
—
7 bytes
—
—
USB
0x11B60
USB mode register (USMOD)
R/W
8 bits
0x00
27.5.7.1/27-17
0x11B61
USB address register (USADR)
R/W
8 bits
0x00
27.5.7.2/27-18
0x11B62
USB command register (USCOM)
R/W
8 bits
0x00
27.5.7.4/27-20
Table 3-1. Internal Memory Map (continued)
Address
(offset)
Register
R/W
Size
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com