Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 1096 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1096 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1092Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1093Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1094Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1095Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1096Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1097Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1098Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1099Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1096 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
32-36
Freescale Semiconductor
32.10 Outgoing CAS Status Register (OCASSR)
Figure 32-25 shows the layout of the outgoing CAS block status register (OCASSR).
This status register contains sticky bits that give the software application an indication that the CP has
modified the associated CAS block. When the ATM receiver operates in core CAS modify mode
RCT[CCASM=1], the CP generates an interrupt and sets the appropriate sticky bit in OCASSR each time
an AAL1 cell is received with new signaling information (one or more signaling nibble has changed).
Note that this flag bit stays set until it is cleared by software. If new signaling is received and the relevant
sticky bit is already set, the CP updates the CAS block without generating another interrupt.
Table 32-9 describes OCASSR fields.
32.11 Buffer Descriptors
The AAL1 CES controller operates as a multi-channel protocol, performing simultaneous segmenting and
reassembling of transmit and receive data, to and from different sets of memory buffers for all channels.
This behavior makes it necessary to have a separate list of BDs for each channel. Each channel is
configured with two BD lists: one for transmit and the other for receive operations. The amount of BDs’
in the table is defined by the user.
The BD table is a circular list, the last BD in the table holds a wrap indication. When the MPC8280 reaches
the last BD, it returns to the head of the list. Each BD in the TxBD table points to a buffer to send. At the
receive side, the user allocates dedicated buffers to each channel (that is, one BD for each buffer). When
the receiver or transmitter completes writing or reading the buffer, it moves to the next buffer in the list
and optionally issues an interrupt.
32.11.1 Transmit Buffer Operation
The user prepares a table of BDs pointing to the buffers to be sent. The address of the first BD is put in the
channel’s TCT[TBD_BASE]. The transmit process starts when the core issues an atm transmit command.
The CP reads the first TxBD in the table and sends its associated buffer. When the current buffer is
finished, the CP increments TBD_OFFSET, which holds the offset from TBD_BASE to the current BD.
It then reads the next BD in the table. If the BD is ready (TxBD[R] = 1), the CP continues sending. If the
0
7
8
9
10
11
12
13
14
15
Field
—
MCASB7 MCASB6 MCASB5 MCASB4 MCASB3 MCASB2 MCASB1 MCASB0
Figure 32-25. Outgoing CAS Status Register (OCASSR)
Table 32-9. OCASSR Field Descriptions
Bits
Name
Description
0–7
—
Reserved, should be cleared during initialization.
8, 9,
10, 11,
12, 13,
14, 15
MCASB
n Modify CAS Block n.
When the CP updates this outgoing CAS block, it sets the MCASB
n sticky bit and generates an
interrupt to notify the core that the signaling information has changed in block
n. Each channel
selects the CAS block number in its RCT; see Section 32.9.1.1, “AAL1 CES Protocol-Specific RCT.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com