| Electronic Components Datasheet Search |
|
MPC8270 Datasheet(PDF) 120 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8270 Datasheet(HTML) 120 Page - Freescale Semiconductor, Inc |
|
120 / 1386 page ![]() G2_LE Core MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 2-4 Freescale Semiconductor • Five independent execution units and two register files — BPU featuring static branch prediction — A 32-bit IU — Fully IEEE 754–compliant FPU for both single- and double-precision operations — LSU for data transfer between data cache and GPRs and FPRs — SRU that executes condition register (CR), special-purpose register (SPR), and integer add/compare instructions — Thirty-two GPRs for integer operands — Thirty-two FPRs for floating-point operands. They also can be used for general operands using floating-point load and store operations. • High instruction and data throughput — Zero-cycle branch capability (branch folding) — Programmable static branch prediction on unresolved conditional branches — BPU that performs CR lookahead operations — Instruction fetch unit capable of fetching two instructions per clock from the instruction cache — A six-entry instruction queue that provides lookahead capability — Independent pipelines with feed-forwarding that reduces data dependencies in hardware — 16-Kbyte data cache—Four-way set-associative, physically addressed; LRU replacement algorithm — 16-Kbyte instruction cache—Four-way set-associative, physically addressed; LRU replacement algorithm — Cache write-back or write-through operation programmable on a per page or per block basis — Address translation facilities for 4-Kbyte page size, variable block size, and 256-Mbyte segment size — A 64-entry, two-way set-associative ITLB — A 64-entry, two-way set-associative DTLB — Eight-entry data and instruction BAT arrays providing 128-Kbyte to 256-Mbyte blocks — Software table search operations and updates supported through fast trap mechanism — 52-bit virtual address; 32-bit physical address • Facilities for enhanced system performance — A 32- or 64-bit, split-transaction external data bus with burst transfers — Support for one-level address pipelining and out-of-order bus transactions — Critical interrupt exception support — Hardware support for misaligned little-endian accesses • Integrated power management — One power-saving mode: doze — Automatic dynamic power reduction when internal functional units are idle |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |