Electronic Components Datasheet Search
  English  ▼

X  

MPC8270 Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 119Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
2-7
2.2.4.3
Load/Store Unit (LSU)
The LSU executes all load and store instructions and provides the data transfer interface between the
GPRs, FPRs, and the cache/memory subsystem. The LSU calculates effective addresses, performs data
alignment, and provides sequencing for load/store string and multiple instructions.
Load and store instructions are issued and translated in program order; however, the actual memory
accesses can occur out of order. Synchronizing instructions are provided to enforce strict ordering where
needed.
Cacheable loads, when free of data dependencies, execute in an out-of-order manner with a maximum
throughput of one per cycle and a two-cycle total latency. Data returned from the cache is held in a rename
register until the completion logic commits the value to a GPR or FPR. Store operations do not occur until
a predicted branch is resolved. They remain in the store queue until the completion logic signals that the
store operation will be completed to memory.
The processor core executes store instructions with a maximum throughput of one per cycle and a
three-cycle total latency. The time required to perform the actual load or store operation varies depending
on whether the operation involves the cache, system memory, or an I/O device.
2.2.4.4
System Register Unit (SRU)
The SRU executes various system-level instructions, including condition register logical operations and
move to/from special-purpose register instructions, and also executes integer add/compare instructions.
Because SRU instructions affect modes of processor operation, most SRU instructions are
completion-serialized. That is, the instruction is held for execution in the SRU until all prior instructions
issued have completed. Results from completion-serialized instructions executed by the SRU are not
available or forwarded for subsequent instructions until the instruction completes.
2.2.5
Completion Unit
The completion unit tracks instructions from dispatch through execution, and then retires, or completes
them in program order. Completing an instruction commits the processor core to any architectural register
changes caused by that instruction. In-order completion ensures the correct architectural state when the
processor core must recover from a mispredicted branch or any exception.
Instruction state and other information required for completion is kept in a first-in-first-out (FIFO) queue
of five completion buffers. A single completion buffer is allocated for each instruction once it enters the
dispatch unit. An available completion buffer is a required resource for instruction dispatch; if no
completion buffers are available, instruction dispatch stalls. A maximum of two instructions per cycle are
completed in order from the queue.
2.2.6
Memory Subsystem Support
The processor core supports cache and memory management through separate instruction and data MMUs
(IMMU and DMMU). The processor core also provides dual 16-Kbyte instruction and data caches, and an
efficient processor bus interface to facilitate access to main memory and other bus subsystems. The
memory subsystem support functions are described in the following subsections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com