| Electronic Components Datasheet Search |
|
MPC8270 Datasheet(PDF) 143 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8270 Datasheet(HTML) 143 Page - Freescale Semiconductor, Inc |
|
143 / 1386 page ![]() G2_LE Core MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor 2-27 round-convert. The LSU has two pipeline stages. The first stage is for effective address calculation and MMU translation, and the second is for accessing data in the cache. • The complete/write-back pipeline stage maintains the correct architectural machine state and transfers the contents of the rename registers to the GPRs and FPRs as instructions are retired. If the completion logic detects an instruction causing an exception, all following instructions are canceled, their execution results in rename registers are discarded, and instructions are fetched from the correct instruction stream. A superscalar processor core issues multiple independent instructions into multiple pipelines allowing instructions to execute in parallel. The G2_LE core has five independent execution units, one each for integer instructions, floating-point instructions, branch instructions, load/store instructions, and system register instructions. The IU and the FPU each have dedicated register files for maintaining operands (GPRs and FPRs, respectively), allowing integer and floating-point calculations to occur simultaneously without interference. Integer division performance of the G2_LE core has been improved, with the divwux and divwx instructions executing in 20 clock cycles instead of the 37 cycles required in the MPC603e. The core provides support for single-cycle store and an adder/comparator in the system register unit that allows the dispatch and execution of multiple integer add and compare instructions on each cycle. Because the PowerPC architecture can be applied to such a wide variety of implementations, instruction timing among processor cores varies accordingly. 2.8 Differences Between the MPC8280 G2_LE Embedded Core and the MPC603e The G2_LE processor core is a derivative of the MPC603e microprocessor design. Some changes have been made and are visible either to a programmer or a system designer. Any software designed around an MPC603e is functional when replaced with the G2_LE except for the specific customer-visible changes listed in Table 2-6. Software can distinguish between the MPC603e and the G2_LE by reading the processor version register (PVR). The G2_LE processor version number is 0x0081; the processor revision level starts at 0x0100 and is incremented for each revision of the chip. Table 2-6. Differences Between G2_LE Core and MPC603e Description Impact An additional input interrupt signal, CINT, implements a critical interrupt function. MSR[CE] is allocated for enabling the critical interrupt A new instruction is implemented for critical interrupt Return from Critical Interrupt (rfci) is implemented to return from these exception handlers Vector offset for critical interrupt An exception vector offset of 0x00A00 is defined for critical interrupt Two new registers are implemented for saving processor state for critical interrupts CSRR0 and CSRR1 have the same bit assignments as SRR0 and SRR1, respectively. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |