Electronic Components Datasheet Search
  English  ▼

X  

MPC8270 Datasheet(PDF) 145 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 145 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 141Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 142Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 143Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 144Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 145Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 146Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 147Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 148Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 149Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
3-1
Chapter 3
Memory Map
The MPC8280’s internal memory resources are mapped within a contiguous block of memory. The size of
the internal space is 256 Kbytes. The location of this block within the global 4-Gbyte real memory space
can be mapped on 256-Kbytes resolution through an implementation-specific special register called the
internal memory map register (IMMR). For more information, see Section 4.3.2.7, “Internal Memory Map
Register (IMMR).”
Figure 3-1 shows the internal memory resources.
Figure 3-1. Internal Memory
0
Global memory1
0x0_0000
0x1_0000
0x2_0000
1 Gbyte
2 Gbyte
3 Gbyte
4 Gbyte
0x3_0000
0x4_0000
DPRAM2
DPRAM1
16 Kbytes
16 Kbytes
Dual-Port
RAM
IRAM
32 Kbytes
The location of the 256-Kbyte block of internal memory within global memory
is selected according to the internal memory map register (IMMR). Internal
memory must be mapped on 256-Kbyte resolution.
1 Location of internal memory resources in this figure is for illustration only.
2 The right vertical column is for illustration only. For a complete list of
modules and registers, refer to Table 3-1.
(see note 2)
SIU
Memory
PCI
Interrupt
Clocks/Reset
I/O ports
Serial
controller
controller
CPM
interface
CPM
interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com