Electronic Components Datasheet Search
  English  ▼

X  

S29GL-P Datasheet(PDF) 25 Page - SPANSION

Part # S29GL-P
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL-P Datasheet(HTML) 25 Page - SPANSION

Back Button S29GL-P Datasheet HTML 21Page - SPANSION S29GL-P Datasheet HTML 22Page - SPANSION S29GL-P Datasheet HTML 23Page - SPANSION S29GL-P Datasheet HTML 24Page - SPANSION S29GL-P Datasheet HTML 25Page - SPANSION S29GL-P Datasheet HTML 26Page - SPANSION S29GL-P Datasheet HTML 27Page - SPANSION S29GL-P Datasheet HTML 28Page - SPANSION S29GL-P Datasheet HTML 29Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 77 page
background image
November 8, 2007 S29GL-P_00_A7
S29GL-P MirrorBit® Flash Family
25
Da ta
Shee t
(Prelim i nar y )
Figure 7.1 Single Word Program
Write Unlock Cycles:
Address 555h, Data AAh
Address 2AAh, Data 55h
Write Program Command:
Address 555h, Data A0h
Program Data to Address:
PA, PD
Unlock Cycle 1
Unlock Cycle 2
Setup Command
Program Address (PA),
Program Data (PD)
FAIL. Issue reset command
to return to read array mode.
Perform Polling Algorithm
(see Write Operation Status
flowchart)
Yes
Yes
No
No
Polling Status
= Busy?
Polling Status
= Done?
Error condition
(Exceeded Timing Limits)
PASS. Device is in
read mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com