Electronic Components Datasheet Search
  English  ▼

X  

ST7GEME4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7GEME4
Description  Full-speed USB MCU with smartcard firmware and EMV/non-EMV interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7GEME4 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7GEME4 Datasheet HTML 1Page - STMicroelectronics ST7GEME4 Datasheet HTML 2Page - STMicroelectronics ST7GEME4 Datasheet HTML 3Page - STMicroelectronics ST7GEME4 Datasheet HTML 4Page - STMicroelectronics ST7GEME4 Datasheet HTML 5Page - STMicroelectronics ST7GEME4 Datasheet HTML 6Page - STMicroelectronics ST7GEME4 Datasheet HTML 7Page - STMicroelectronics ST7GEME4 Datasheet HTML 8Page - STMicroelectronics ST7GEME4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
September 2007
Rev 2.0
1/28
1
ST7GEME4
Full-speed USB MCU with smartcard firmware
and EMV/non-EMV interface
Features
■
Clock, reset and supply management
– Low voltage reset
– Halt power saving mode
– PLL for generating 48 MHz USB clock
using a 4 MHz crystal
■
USB (Universal Serial Bus) interface
– USB 2.0 compliant
– CCID V1.0
– Full speed, hubless
– Bus-powered, low consumption
■
Serial RS232 interface
– Transmission rate: 9.6 Kbps to 115 Kbps
– Format: 8-bit, no parity
– Auto baud rate
– CCID V1.0 on serial TTL link
■
ISO 7816-3 UART interface
– 4 Mhz clock generation
– Synchronous/Asynchronous protocols
(T=0, T=1)
– Automatic retry on parity error
– Programmable baud rate from 372 to
11.625 clock pulses (D=32/F=372)
– Card insertion/removal detection
■
Smartcard power supply
– Selectable card VCC: 1.8 V, 3 V, and 5 V
– Internal Step-up converter for 5V supplied
Smartcards (with a current of up to 55mA)
using only two external components.
– Programmable smartcard internal voltage
regulator (1.8 to 3.0 V) with current
overload protection and 4 kV ESD
protection (Human Body Model) for all
smartcard interface I/Os
■
Development tools
– Application note on PCB recommendations
and component bill of materials
– Full hardware/software kit for performance
evaluation
Description
The ST7GEME4 is an 8-bit microcontroller
dedicated to smartcard reading applications. It
has been developed to be the core of smartcard
readers communicating through a serial or USB
link. It is pre-programmed using Gemplus
software, and offers a single integrated circuit
solution with very few external components.
24
1
VFQFPN24
SO24(9U)
Table 1.
Device summary
Features
Order codes
ST7GEME4M1
ST7GEME4U1
Program memory
16K ROM
User RAM + USB data buffer (bytes)
512 + 256
Peripherals
USB Full-Speed (7 Ep), TBU, Watchdog timer, ISO 7816-3 Interface
Operating Supply
4.0 to 5.5 V
Package
SO24
VFQFPN24
CPU Frequency
4 or 8 MHz
Operating temperature
0 to +70 °C
www.st.com


Similar Part No. - ST7GEME4

ManufacturerPart #DatasheetDescription
logo
Antex (Electronics) Lim...
ST7 ANTEX-ST7 Datasheet
194Kb / 1P
POWER SUPPLY UNITS BENCH STAND SOLDERING BITS
logo
Superworld Electronics
ST7-10 SUPERWORLD-ST7-10 Datasheet
110Kb / 1P
POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
ST7-10B51 PULSE-ST7-10B51 Datasheet
159Kb / 1P
Laminated Transformers Low Frequency Open-Style Laminated Split Bobbin Horizontal Plug-In Series
ST7-10B51 PULSE-ST7-10B51 Datasheet
159Kb / 1P
Low Frequency, Open-Style Laminated, Split Bobbin, Horizontal Plug-In Series
logo
Superworld Electronics
ST7-12 SUPERWORLD-ST7-12 Datasheet
110Kb / 1P
POWER TRANSFORMER
More results

Similar Description - ST7GEME4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST22T064-A STMICROELECTRONICS-ST22T064-A Datasheet
99Kb / 7P
Smartcard 32-Bit RISC MCU with 64 Kbytes EEPROM & USB 2.0 Full Speed Device Controller
Oct-2004
logo
ATMEL Corporation
AT83C22OK ATMEL-AT83C22OK Datasheet
30Kb / 4P
Smart Card Interface Compliant with ISO 7816 and EMV 2000
logo
STMicroelectronics
ST7LCRE4U1 STMICROELECTRONICS-ST7LCRE4U1 Datasheet
394Kb / 29P
Full-speed USB MCU with smartcard interface
23-Oct-2007
logo
ERNI Electronics
DC0000078 ERNI-DC0000078 Datasheet
141Kb / 1P
Federl.90.50p.BM SMD EMV Female 90.50c.BM SMD EMV
DC0008036 ERNI-DC0008036 Datasheet
141Kb / 1P
Federl.90.50p.BM SMD EMV Female 90.50c.BM SMD EMV
logo
PHOENIX CONTACT
1853227 PHOENIX-1853227 Datasheet
121Kb / 3P
VC-AR2-EMV
1853230 PHOENIX-1853230 Datasheet
121Kb / 3P
VC-AR3-EMV
1853243 PHOENIX-1853243 Datasheet
121Kb / 3P
VC-AR4-EMV
logo
NXP Semiconductors
PN7220 NXP-PN7220 Datasheet
1Mb / 185P
NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.0 - 5 July 2023
PN7220 NXP-PN7220_V01 Datasheet
1Mb / 185P
NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.1 - 20 September 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com