Electronic Components Datasheet Search
  English  ▼

X  

11675 Datasheet(PDF) 1 Page - Atom Lighting

Part # 11675
Description  AT9029 TRI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

11675 Datasheet(HTML) 1 Page - Atom Lighting

  11675 Datasheet HTML 1Page - Atom Lighting 11675 Datasheet HTML 2Page - Atom Lighting 11675 Datasheet HTML 3Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AT9029 TRI
10W LED COB Adjustable & Fixed head with
dimmable driver
Avail. In small, fixed & adjustable versions
Supplied with dimmable LED driver
Low-glare UGR 19 rating
Ideal for commercial, retail, showroom and
decorative
ORDERING INFORMATION
Order code
11675
Description
10W LED COB Adjustable
downlight w/Dimm Driver -
50Deg beam - 90mm cut-
out - Black - TRI CCT
Driver Type
Dimmable ( Phase cut)
Item Code
AT9029/ADJ/BLK/TRI
EFFICIENCIES
Total System Efficiency
90 lm/W
The performance of each component of a luminaire is
demonstrated through its efficiencies, which together
determine the total system efficiency of the product. The
output of the LED chip is first multiplied by the optical and
thermal efficiencies to calculate the Luminaire efficiency.
However, this calculation does not consider the driver
efficiency. To determine the overall efficiency of the system,
the Luminaire efficiency must be multiplied by the driver
efficiency, which accounts for all losses in the system.
MECHANICAL
Adjustability
Adjustable
Body Material
Aluminium
Diffuser Material
Glass
Product Finish
Powdercoated
Fitting Colour
Black
IC Rating
IC-4
IC-4 rating has been conducted at the products maximum
working Temperature Range (C) in line with Australian
standards. This provides the required safety when covered
with insulation and used in Australian Environments.
Installation Type
Recessed
IP Rating
IP54 Front Face Only
ELECTRICAL
Electrical Rating
Class II
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%.
This effectively means that the voltage range of these
products are 216Vac - 253Vac or 240V +6%
Switch Type
Inline
System Max Wattage
10 W
Working Temp Range
-20 to 40 °C
LAMP
Macadam Steps (SDCM)
5-step MacAdam Ellipse
Beam Angle
50 °
CCT Configuration
TRI-CCT
Colour Rendering Index (CRI)
>80
Lamp/LED Current
230 mA
Lamp/LED voltage
36 V
UGR
<10
LED LIFETIME
Ambient Temp (°C)
25 °C
40 °C
L80B10
>55000 hrs
>55000 hrs
This rating defines the performance of the led within its
lifetime. L relates to lumen depreciation, where the
proceeding number gives the resultant lumen output at the
end of it reported lifetime. L70, would mean 30% lumen
depreciation which means 70% of its initial output and is
tested accordingly to TM-21. The B part refers to failures,
which can be define as the percentage of LEDs which fall
below the L value in the projected lifetime. A value of B10
refers to 10% failure and a value of B50 refers to 50% failure.
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 11675

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
11675-2 COOPER-11675-2 Datasheet
126Kb / 2P
Quick-Connect Power Distribution Blocks
11675-3 COOPER-11675-3 Datasheet
126Kb / 2P
Quick-Connect Power Distribution Blocks
11675-4 COOPER-11675-4 Datasheet
126Kb / 2P
Quick-Connect Power Distribution Blocks
11675-5 COOPER-11675-5 Datasheet
126Kb / 2P
Quick-Connect Power Distribution Blocks
11675-6 COOPER-11675-6 Datasheet
126Kb / 2P
Quick-Connect Power Distribution Blocks
More results

Similar Description - 11675

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT116-OG MARKTECH-MT116-OG Datasheet
34Kb / 1P
TRI-STATE LAMPS
MT205-HRG MARKTECH-MT205-HRG Datasheet
49Kb / 1P
TRI-STATE LAMPS?
logo
Siemens Semiconductor G...
PSB6520 SIEMENS-PSB6520 Datasheet
424Kb / 15P
Tone Ringer (TRI)
logo
New Japan Radio
NJU6342 NJRC-NJU6342 Datasheet
308Kb / 4P
TRI-STATE BUFFER
logo
Pomona Electronics
5955 POMONA-5955 Datasheet
17Kb / 1P
Tri-Fold Pouch
logo
Winchester Electronics ...
SD7705-1 WINCHESTER-SD7705-1 Datasheet
69Kb / 1P
PLUG, TRI-LOC
SD7705-3 WINCHESTER-SD7705-3 Datasheet
67Kb / 1P
PLUG, TRI-LOC
SD7705-9 WINCHESTER-SD7705-9 Datasheet
66Kb / 1P
PLUG, TRI-LOC
logo
Abracon Corporation
ASE2SERIES ABRACON-ASE2SERIES Datasheet
1Mb / 3P
Tri state function
08.06.14
logo
Alliance Semiconductor ...
AS7C38096B ALSC-AS7C38096B Datasheet
724Kb / 11P
tri-static output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com