Electronic Components Datasheet Search
  English  ▼

X  

10121 Datasheet(PDF) 1 Page - Atom Lighting

Part # 10121
Description  Maximus
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

10121 Datasheet(HTML) 1 Page - Atom Lighting

  10121 Datasheet HTML 1Page - Atom Lighting 10121 Datasheet HTML 2Page - Atom Lighting 10121 Datasheet HTML 3Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Maximus
8W LED Low-Glare Dimmable Downlight - Tri-Colour
Recessed light source for high quality installations
Excellent beam control compared to diffused
downlights
Reduce eye strain and increase comfort with a low
glare design
Ideal for high-end and residential applications
Supplied with an integrated dimmable LED driver
Selectable colour temperature to suit the
installation and room
ORDERING INFORMATION
Order code
12415
Description
8W Low-Glare LED
Downlight - 90mm - TRI-CCT
- White
Driver Type
Dimmable ( Phase cut)
Item Code
MAXIMUS-12415
EFFICIENCIES
Total System Efficiency
105 lm/W
The performance of each component of a luminaire is
demonstrated through its efficiencies, which together
determine the total system efficiency of the product. The
output of the LED chip is first multiplied by the optical and
thermal efficiencies to calculate the Luminaire efficiency.
However, this calculation does not consider the driver
efficiency. To determine the overall efficiency of the system,
the Luminaire efficiency must be multiplied by the driver
efficiency, which accounts for all losses in the system.
MECHANICAL
Adjustability
Fixed
Body Material
PA46 Plastic wrapped
aluminium
Diffuser Material
Polycarbonate
Fitting Colour
White
IC Rating
IC-4
IC-4 rating has been conducted at the products maximum
working Temperature Range (C) in line with Australian
standards. This provides the required safety when covered
with insulation and used in Australian Environments.
Installation Type
Recessed
IP Rating
IP54 Front Face Only
ELECTRICAL
Electrical Rating
Class II
Input Current
0.05 A
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%.
This effectively means that the voltage range of these
products are 216Vac - 253Vac or 240V +6%
Maximum Wattage
8 W
Power Factor
0.9
Switch Type
Inline
Working Temp Range
-20 to 40 °C
LAMP
Macadam Steps (SDCM)
5-step MacAdam Ellipse
Beam Angle
45 °
CCT Configuration
TRI-CCT
Colour Rendering Index (CRI)
>80
UGR
<22
LED LIFETIME
LED Lifetime
35000 hrs
This is the Reported LED Lifetime in Hours based on TM-21.
Atom does not list the projected or calculated LED lifetime,
which is normally longer as TM-21 Addendum B explicitly
states "The Calculated and Projected Lp(Dk) are not to be
reported". This Lifetime refers to the life of a single LED
however the system life is longer since the probability and
binomial distribution of all LEDs in the system means that the
average led is performing above the specification and
compensates for the LEDs falling below.
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 10121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10121 ETC-10121 Datasheet
116Kb / 1P
Heyco짰 Nylon PCB Supports - Imperial Spacing
logo
Turck, Inc.
10121 TURCK-10121 Datasheet
293Kb / 4P
Inductive Sensor
11/07/2023
logo
Heyco.
10121 HEYCO-10121 Datasheet
113Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Atom Lighting
10121 ATOM-10121 Datasheet
819Kb / 3P
AT9012 TRI
22nd of January 2025 19:21:57
10121 ATOM-10121 Datasheet
220Kb / 3P
AT9012 FR
23rd of January 2025 00:49:04
More results

Similar Description - 10121

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1526 INTERSIL-EL1526 Datasheet
104Kb / 2P
Dual Channel Differential DSL Line Driver for Centillium Maximus CO Chipsets
May 13, 2004
EL1526 INTERSIL-EL1526_05 Datasheet
42Kb / 2P
Dual Channel Differential DSL Line Driver for Centillium Maximus CO Chipsets
February 11, 2005
logo
Pulse A Technitrol Comp...
BX2565L PULSE-BX2565L Datasheet
49Kb / 1P
ADSL LINE TRANSFORMER For Use with Centillium Maximus Chipset
logo
List of Unclassifed Man...
FXUB66 ETC2-FXUB66 Datasheet
2Mb / 14P
Maximus Flexible Ultra Wide Band Antenna 700-6000MHz
FXUB66010150C ETC2-FXUB66010150C Datasheet
2Mb / 15P
Maximus Flexible Ultra Wide-Band Antenna 700-6000MHz
logo
Taoglas antenna solutio...
FXUB66070150C TAOGLAS-FXUB66070150C Datasheet
1Mb / 13P
Maximus Flexible Ultra Wide Band Antenna 700-6000MHz
FXUB66.07.0150C TAOGLAS-FXUB66.07.0150C_17 Datasheet
1Mb / 13P
Maximus Flexible Ultra Wide Band Antenna 700-6000MHz
FXUB66.01.0150C TAOGLAS-FXUB66.01.0150C_17 Datasheet
1Mb / 16P
Maximus Flexible Ultra Wide Band Antenna 700-6000MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com