Electronic Components Datasheet Search
  English  ▼

X  

USB3311 Datasheet(PDF) 5 Page - SMSC Corporation

Part # USB3311
Description  Hi-Speed USB Transceiver with 1.8V ULPI Interface - 26MHz Reference Clock
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3311 Datasheet(HTML) 5 Page - SMSC Corporation

  USB3311 Datasheet HTML 1Page - SMSC Corporation USB3311 Datasheet HTML 2Page - SMSC Corporation USB3311 Datasheet HTML 3Page - SMSC Corporation USB3311 Datasheet HTML 4Page - SMSC Corporation USB3311 Datasheet HTML 5Page - SMSC Corporation USB3311 Datasheet HTML 6Page - SMSC Corporation USB3311 Datasheet HTML 7Page - SMSC Corporation USB3311 Datasheet HTML 8Page - SMSC Corporation USB3311 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 26MHz Reference Clock
SMSC USB3311
5
Revision 1.0 (05-08-07)
PRODUCT PREVIEW
USB3311 Pin Locations and Descriptions
Package Diagram with Pin Locations
The pinout below is viewed from the top of the package.
Figure 2 USB3311 QFN Pinout - Top View
VBUS
ID
VDD3.3
DM
DP
NXT
DATA0
DATA2
DATA3
DATA1
VBAT
CLKOUT
1
2
3
4
5
6
18
17
16
15
14
13
24Pin QFN
4x4mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com