Electronic Components Datasheet Search
  English  ▼

X  

12666 Datasheet(PDF) 2 Page - Atom Lighting

Part # 12666
Description  AT9014 (24VDC)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

12666 Datasheet(HTML) 2 Page - Atom Lighting

  12666 Datasheet HTML 1Page - Atom Lighting 12666 Datasheet HTML 2Page - Atom Lighting 12666 Datasheet HTML 3Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
COLOUR TEMPERATURE
CCT
3000 K
CCT Colour
Warm White
Luminaire Lumens
340 lm
All photometric data has a tolerance of ±10%. Luminaire
lumens refers to the exit lumens or delivered lumens from the
luminaire.
DRIVER
Driver Included
No
Integrated Driver
No
Flex & Plug or Lead Length
2000 mm
Wiring Type
Flying leads (2 wire)
COMPLIANCE
Standards
AS/NZS 60598.1
AS/NZS 60598.2.2
EN55015
WARRANTY
Domestic Use Warranty
3 RTB (Total 3 Years)
VIP Warranty
2 Onsite, 3 RTB (Total 5
Years)
VIP warranty is available to registered users and is subjected
to additional terms and conditions.
DIMENSIONS
Cutout
45 mm
Product Diameter
50 mm
Product Height
34 mm
LINE DRAWINGS
AT9014/ADJ/24V/WH
Recommended Drivers
Order code Item Code
Description
16091
EV-DRIVER-24V-100W-ND
100W 24V Constant Voltage Driver IP67 with 1m Flex and plug
16089
EV-DRIVER-24V-40W-ND
40W 24V Constant Voltage Driver IP67 with 1m Flex and plug
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com