Electronic Components Datasheet Search
  English  ▼

X  

AT9014SC Datasheet(PDF) 1 Page - Atom Lighting

Part # AT9014SC
Description  3W LED adjustable downlight with driver.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

AT9014SC Datasheet(HTML) 1 Page - Atom Lighting

  AT9014SC Datasheet HTML 1Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
at9014
Product range
Code
Finish
Colour temperature
AT9014/WH/WW
White
Warm white
AT9014/SIL/WW
Silver
Warm white
AT9014/SC/WW
Satin chrome
Warm white
AT9014/WH/CW
White
Cool white
AT9014/SIL/CW
Silver
Cool white
AT9014/SC/CW
Satin chrome
Cool white
Dimensions
Diameter
Depth
Cut out
Ø56mm
45mm
Ø46mm
Information is subject to change without prior notice
Images are for illustrative purposes only
E&OE
Revision 19.01.21
Ph: + 61 7 5537 1022
Fax: + 61 7 5537 1055
Email: sales@atomlighting.com.au
atomlighting.com.au
© 2021 Atom Lighting
3W LED adjustable downlight with driver.
Description
Product Specification
Voltage
230V~ 50Hz
Power consumption
3W
Light colour options
Warm white
Cool white
Lumen output
160lm
190lm
Colour temperature
3000K
4000K
Beam angle
45°
Dimmable
No
Warranty
3 Years
Working temperature
40°C
IP Rating
IP20
Product datasheet
Finish
White (WH)
Silver (SIL)
Satin chrome (SC)


Similar Part No. - AT9014SC

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
AT9012COB ATOM-AT9012COB Datasheet
864Kb / 2P
12W LED Downlight supplied with dimmable driver
03.04.19
AT9012CW ATOM-AT9012CW Datasheet
864Kb / 2P
12W LED Downlight supplied with dimmable driver
03.04.19
AT9012FR ATOM-AT9012FR Datasheet
1Mb / 2P
12W LED Fire rated Downlight with dimmable driver
02.04.19
AT9012WH ATOM-AT9012WH Datasheet
864Kb / 2P
12W LED Downlight supplied with dimmable driver
03.04.19
AT9012WW ATOM-AT9012WW Datasheet
864Kb / 2P
12W LED Downlight supplied with dimmable driver
03.04.19
More results

Similar Description - AT9014SC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM Datasheet
217Kb / 15P
LED Driver with Adjustable Current
Rev. 1.2, 2004-04-13
TLE4241GM INFINEON-TLE4241GM_07 Datasheet
261Kb / 15P
LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
logo
P-tec Corporation
PLSO-LVDL13W-90 P-TEC-PLSO-LVDL13W-90 Datasheet
191Kb / 2P
Dimmable LED Downlight
logo
Cree, Inc
LE6 CREE-LE6 Datasheet
751Kb / 2P
6 Adjustable LED Downlight
LR4 CREE-LR4 Datasheet
424Kb / 2P
Architectural LED Downlight
LR6 CREE-LR6 Datasheet
409Kb / 2P
LED Downlight
LR6-7L-27K-GU24-E26 CREE-LR6-7L-27K-GU24-E26 Datasheet
421Kb / 2P
LED Downlight
LR6-10L-35K-120V-A-DR CREE-LR6-10L-35K-120V-A-DR Datasheet
399Kb / 2P
LED Downlight
LR6-18L-35K-120V-A-DR CREE-LR6-18L-35K-120V-A-DR Datasheet
397Kb / 2P
LED Downlight
logo
Shenzhen Huazhimei Semi...
HM2803A HMSEMI-HM2803A Datasheet
1Mb / 8P
3W HB-LED driver chip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com