Electronic Components Datasheet Search
  English  ▼

X  

M24C64-F Datasheet(PDF) 46 Page - STMicroelectronics

Part # M24C64-F
Description  64-Kbit serial I²C bus EEPROM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-F Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M24C64-F Datasheet HTML 42Page - STMicroelectronics M24C64-F Datasheet HTML 43Page - STMicroelectronics M24C64-F Datasheet HTML 44Page - STMicroelectronics M24C64-F Datasheet HTML 45Page - STMicroelectronics M24C64-F Datasheet HTML 46Page - STMicroelectronics M24C64-F Datasheet HTML 47Page - STMicroelectronics M24C64-F Datasheet HTML 48Page - STMicroelectronics M24C64-F Datasheet HTML 49Page - STMicroelectronics M24C64-F Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
Package information
M24C64-W M24C64-R M24C64-F M24C64-DF
46/54
DS6638 Rev 36
Figure 30. Thin WLCSP- 8-bump, 1.073 x 0.959 mm, wafer level chip scale
package recommended footprint
1. Dimensions are expressed in millimeters.
Table 28. Thin WLCSP- 8-bump, 1.073 x 0.959 mm, wafer level chip scale
package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.300
0.315
0.330
0.0118
0.0124
0.0130
A1
-
0.115
-
-
0.0045
-
A2
-
0.200
-
-
0.0079
-
b(2)
2. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
-
0.160
-
-
0.0063
-
D
-
1.073
1.093
-
0.0422
0.0430
E
-
0.959
0.979
-
0.0378
0.0385
e
-
0.693
-
-
0.0273
-
e1
-
0.800
-
-
0.0315
-
e2
-
0.400
-
-
0.0157
-
F
-
0.133
-
-
0.0052
-
G
-
0.137
-
-
0.0054
-
aaa
-
-
0.110
-
-
0.0043
bbb
-
-
0.110
-
-
0.0043
ccc
-
-
0.110
-
-
0.0043
ddd
-
-
0.060
-
-
0.0024
eee
-
-
0.060
-
-
0.0024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com