Electronic Components Datasheet Search
  English  ▼

X  

SN8F27E64LSB Datasheet(PDF) 39 Page - SONiX Technology Company

Part # SN8F27E64LSB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64LSB Datasheet(HTML) 39 Page - SONiX Technology Company

Back Button SN8F27E64LSB Datasheet HTML 35Page - SONiX Technology Company SN8F27E64LSB Datasheet HTML 36Page - SONiX Technology Company SN8F27E64LSB Datasheet HTML 37Page - SONiX Technology Company SN8F27E64LSB Datasheet HTML 38Page - SONiX Technology Company SN8F27E64LSB Datasheet HTML 39Page - SONiX Technology Company SN8F27E64LSB Datasheet HTML 40Page - SONiX Technology Company SN8F27E64LSB Datasheet HTML 41Page - SONiX Technology Company SN8F27E64LSB Datasheet HTML 42Page - SONiX Technology Company SN8F27E64LSB Datasheet HTML 43Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 39
Version 1.4
2.4 STACK OPERATION
2.4.1 OVERVIEW
The stack buffer has 8-
level. These buffers are designed to push and pop up program counter’s (PC) data when
interrupt service routine and
“CALL” instruction are executed. The STKP register is a pointer designed to point active
level in order to push or pop up data from stack buffer. The STKnH and STKnL are the stack buffers to store program
counter (PC) data.
RET /
RETI
CALL /
INTERRUPT
STKP = 7
STKP = 6
STKP = 5
STKP = 4
STACK Level
STK7H
STK6H
STK5H
STK4H
STACK Buffer
High Byte
PCH
STKP
STK7L
STK6L
STK5L
STK4L
STACK Buffer
Low Byte
PCL
STKP
STKP - 1
STKP + 1
STKP = 3
STKP = 2
STKP = 1
STKP = 0
STK3L
STK2L
STK1L
STK0L
STK3H
STK2H
STK1H
STK0H
2.4.2 STACK POINTER
The stack pointer (STKP) is a 3-bit register to store the address used to access the stack buffer, 13-bit data memory
(STKnH and STKnL) set aside for temporary storage of stack addresses. The two stack operations are writing to the
top of the stack (push) and reading from the top of stack (pop). Push operation decrements the STKP and the pop
operation increments each time. That makes the STKP always point to the top address of stack buffer and write the
last program counter value (PC) into the stack buffer.
0EFH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STKP
GIE
LVD24
LVD33
-
-
STKPB2
STKPB1
STKPB0
Read/Write
R/W
R
R
-
-
R/W
R/W
R/W
After reset
0
-
-
-
-
1
1
1
Bit[2:0]
STKPBn: Stack pointer (n = 0 ~ 2)
Bit 7
GIE: Global interrupt control bit.
0 = Disable.
1 = Enable. Please refer to the interrupt chapter.
Example: Stack pointer (STKP) reset, we strongly recommended to clear the stack pointers in the
beginning of the program.
MOV
A, #00000111B
B0MOV
STKP, A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com