Electronic Components Datasheet Search
  English  ▼

X  

13352 Datasheet(PDF) 4 Page - Atom Lighting

Part # 13352
Description  AT6024
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

13352 Datasheet(HTML) 4 Page - Atom Lighting

  13352 Datasheet HTML 1Page - Atom Lighting 13352 Datasheet HTML 2Page - Atom Lighting 13352 Datasheet HTML 3Page - Atom Lighting 13352 Datasheet HTML 4Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Accessories
Order code Item Code
Description
10398
AT9050/PRF/WH
Plaster Recessed frame 300x1200 WHITE to suit panels (PRE-ASSEMBLED)
11882
AT9055/312
Surface-mount one piece panel frame 300x1200mm White
11315
AT9057
1m Panel Suspension Cable Kit - 4x Striaght 1m Droppers
13352
AT9059/312
Trapezoid surface-mount one piece panel frame 300x1200mm White
11355
EV-SUSPENSION-Y
2m Y-Type Panel Suspension Kit - 2 x Y-type droppers
Recommended Drivers
Order code Item Code
Description
14937
DK1-0AABBHZX00075
Driver Kit - Wireless DALI+ LED driver with 1.2m 2 core flex and plug - set to
750mA
14919
DK1-0AADADZX00075
Driver Kit - DALI-2 LED driver with 1.2m 2 core flex and plug and 2 core flying lead -
set to 750mA
14955
DK1-0AAJADZX00075
Driver Kit - DALI-2 LED driver with 2.4m CMS lead - set to 750mA
14973
DK1-0AAKADZX00075
Driver Kit - DALI-2 LED driver with 2.4m Wire-By-Click (WBC) lead - set to 750mA
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com