Electronic Components Datasheet Search
  English  ▼

X  

DNA-20K4 Datasheet(PDF) 4 Page - Danley Sound Labs. All Rights Reserved.

Part # DNA-20K4
Description  DNA Pro series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

DNA-20K4 Datasheet(HTML) 4 Page - Danley Sound Labs. All Rights Reserved.

  DNA-20K4 Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. DNA-20K4 Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved. DNA-20K4 Datasheet HTML 3Page - Danley Sound Labs. All Rights Reserved. DNA-20K4 Datasheet HTML 4Page - Danley Sound Labs. All Rights Reserved. DNA-20K4 Datasheet HTML 5Page - Danley Sound Labs. All Rights Reserved. DNA-20K4 Datasheet HTML 6Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DNA Pro series
20K4 • 10K4
2196 Hilton Drive, Suite E Gainesville, GA, U.S.A 30501
Telephone: 877-419-5805
Email: info@danleysoundlabs.com
Mains Current and Thermal Dissipation
DNA 20K4 Pro
Sleep Mode (slow wake up)
AC Mains Power Draw
(Watts)
Current Draw (Amps)
Thermal Dissipation
120 VAC
230 VAC
Watts
BTU/Hr
Kcal/Hr
4.5
0.4
0.2
4.5
15
4
Standby Mode (fast wake up)
AC Mains Power Draw
(Watts)
Current Draw (Amps)
Thermal Dissipation
120 VAC
230 VAC
Watts
BTU/Hr
Kcal/Hr
60
1.0
0.5
60
205
52
Running with no audio signal
AC Mains Power Draw
(Watts)
Current Draw (Amps)
Thermal Dissipation
120 VAC
230 VAC
Watts
BTU/Hr
Kcal/Hr
195
2.9
1.5
195
665
168
Running in 2 Ohm Mode* (all channels driven)
Load (Ohms)
Signal Duty & Crest
Factor
Input Power
(Watts)
Current Draw (Amps)
Thermal Dissipation
120 VAC
230 VAC
Watts
BTU/Hr
Kcal/Hr
2
1/8, CF=4.0 (12dB)
3000
33.5**
17.5
500
1706
430
4
1/4, CF=2.8 (9dB)
3475
38.8**
20.3
475
1621
408
4
1/8, CF=4.0 (12dB)
1780
19.7
10.3
280
955
241
8
1/4, CF=2.8 (9dB)
1750
19.2
10.0
250
853
215
8
1/8, CF=4 (12dB)
975
11
5.8
225
767
193
NOTES:
• The amplifier was configured to have no audio processing
• Measurements were performed with a Hameg HM8115-2 power analyzer
• All measurements were done at 230 VAC, 50 Hz
• The Current Draw figures for 120 VAC are calculated
• * The DNA 20K4 Pro does not have 4 & 8 Ohm Low Z modes
• ** The EBP limiter should be set to 30A, but will not activate on any sensible program material



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com