Electronic Components Datasheet Search
  English  ▼

X  

11643 Datasheet(PDF) 2 Page - Atom Lighting

Part # 11643
Description  AT1107
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

11643 Datasheet(HTML) 2 Page - Atom Lighting

  11643 Datasheet HTML 1Page - Atom Lighting 11643 Datasheet HTML 2Page - Atom Lighting 11643 Datasheet HTML 3Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DRIVER
Dimmable
Yes
Driver Included
Yes
Integrated Driver
Yes
Driver Type
Dimmable ( Phase cut)
COMPLIANCE
Standards
AS/NZS 60598.1
AS/NZS 60598.2.1
AS/NZS 61347.1
AS/NZS 61347.2.13
AS CISPR 15
WARRANTY
Domestic Use Warranty
3 RTB (Total 3 Years)
VIP Warranty
2 Onsite, 3 RTB (Total 5
Years)
VIP warranty is available to registered users and is subjected
to additional terms and conditions.
DIMENSIONS
Product Height
175 mm
Product Length
97 mm
Product Width
61 mm
LINE DRAWINGS
AT1107
PHOTOMETRICS
AT1107/WH/CW
Accessories
Order code Item Code
Description
11345
AT1100/BLK/1M
3 Wire Track 1m Aluminium Alloy - Black
11359
AT1100/BLK/2M
3 Wire Track 2m Aluminium Alloy - Black
16833
AT1100/BLK/BEND
3 Wire - Bendable Joiner - Black
11376
AT1100/BLK/CF
3 Wire - Straight Joiner Feeder - Black
11195
AT1100/BLK/DEAD
3 Wire - Dead End - Black
11175
AT1100/BLK/LIVE
3 Wire - Live End Feeder - Black
11415
AT1100/BLK/RA
3 Wire - Right angle joiner Left - Black
11302
AT1100/BLK/RAR
3 Wire - Right angle joiner Right - Black
11393
AT1100/BLK/STR
3 Wire - Straight Joiner - Black
11430
AT1100/BLK/T
3 Wire - T Joiner - BLack
11450
AT1100/BLK/X
3 Wire - X Joiner - BLack
11643
AT1100/WH/2M
3 Wire Track 2m Aluminium Alloy - White
14739
AT1100/WH/BEND
3 Wire - Bendable Joiner - White
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com