Electronic Components Datasheet Search
  English  ▼

X  

11284 Datasheet(PDF) 1 Page - Atom Lighting

Part # 11284
Description  AT1108
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

11284 Datasheet(HTML) 1 Page - Atom Lighting

  11284 Datasheet HTML 1Page - Atom Lighting 11284 Datasheet HTML 2Page - Atom Lighting 11284 Datasheet HTML 3Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AT1108
LED track mounted adjustable spotlights
ORDERING INFORMATION
Order code
11896
Description
12W LED Track Mounted
spotlight - 55o Beam - Black
- Cool white
Driver Type
Fixed output
Item Code
AT1108/12/BLK/CW
MECHANICAL
Adjustability
Fixed
Body Material
Aluminium
Diffuser Material
Glass
Product Finish
Powdercoated
Fitting Colour
Black
Installation Type
Surface mount
IP Rating
IP20
ELECTRICAL
Electrical Rating
Class I
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%.
This effectively means that the voltage range of these
products are 216Vac - 253Vac or 240V +6%
Switch Type
Inline
System Max Wattage
12 W
Working Temp Range
-20 to 40 °C
LAMP
Macadam Steps (SDCM)
3-step MacAdam Ellipse
Beam Angle
50 °
CCT Configuration
Single
Colour Rendering Index (CRI)
>90
LED Type
Diffused
Number of Lamps
1
LED LIFETIME
LED Lifetime
35000 hrs
This is the Reported LED Lifetime in Hours based on TM-21.
Atom does not list the projected or calculated LED lifetime,
which is normally longer as TM-21 Addendum B explicitly
states "The Calculated and Projected Lp(Dk) are not to be
reported". This Lifetime refers to the life of a single LED
however the system life is longer since the probability and
binomial distribution of all LEDs in the system means that the
average led is performing above the specification and
compensates for the LEDs falling below.
COLOUR TEMPERATURE
CCT
4000 K
CCT Colour
Cool White
Luminaire Lumens
725 lm
All photometric data has a tolerance of ±10%. Luminaire
lumens refers to the exit lumens or delivered lumens from the
luminaire.
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 11284

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
11284 ATOM-11284 Datasheet
144Kb / 3P
AT1107
23rd of January 2025 08:39:38
11284 ATOM-11284 Datasheet
145Kb / 3P
AT1107
23rd of January 2025 08:39:37
11284 ATOM-11284 Datasheet
145Kb / 3P
AT1107
21st of January 2025 00:59:33
11284 ATOM-11284 Datasheet
225Kb / 3P
AT1108
22nd of January 2025 14:32:35
11284 ATOM-11284 Datasheet
143Kb / 2P
AT1107
21st of January 2025 21:04:08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com