Electronic Components Datasheet Search
  English  ▼

X  

IRLR8743PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLR8743PBF
Description  HEXFET짰Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR8743PBF Datasheet(HTML) 1 Page - International Rectifier

  IRLR8743PBF Datasheet HTML 1Page - International Rectifier IRLR8743PBF Datasheet HTML 2Page - International Rectifier IRLR8743PBF Datasheet HTML 3Page - International Rectifier IRLR8743PBF Datasheet HTML 4Page - International Rectifier IRLR8743PBF Datasheet HTML 5Page - International Rectifier IRLR8743PBF Datasheet HTML 6Page - International Rectifier IRLR8743PBF Datasheet HTML 7Page - International Rectifier IRLR8743PBF Datasheet HTML 8Page - International Rectifier IRLR8743PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
08/15/07
IRLR8743PbF
IRLU8743PbF
HEXFET® Power MOSFET
Notes
 through … are on page 11
Applications
Benefits
l Very Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Synchronous Buck
Converters for Computer Processor Power
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
l Lead-Free
PD - 96123
VDSS RDS(on) max
Qg
30V
3.1m
:
39nC
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
g
W
PD @TC = 100°C Maximum Power Dissipation g
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.11
RθJA
Junction-to-Ambient (PCB Mount)
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
135
Max.
160
f
113
f
640
± 20
30
0.90
68
300 (1.6mm from case)
-55 to + 175
D-Pak
IRLR8743PbF
I-Pak
IRLU8743PbF
G
S
D
G
D
S
GD
S
Gate
Drain
Source


Similar Part No. - IRLR8743PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR8743PBF IRF-IRLR8743PBF Datasheet
374Kb / 11P
Ultra-Low Gate Impedance
logo
Infineon Technologies A...
IRLR8743PBF INFINEON-IRLR8743PBF Datasheet
374Kb / 11P
High Frequency Synchronous Buck Converters for Computer Processor Power
08/15/07
logo
International Rectifier
IRLR8743PBF IRF-IRLR8743PBF_15 Datasheet
374Kb / 11P
Ultra-Low Gate Impedance
More results

Similar Description - IRLR8743PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3715ZPBF IRF-IRL3715ZPBF Datasheet
273Kb / 13P
HEXFET짰Power MOSFET
IRFB4310PBF IRF-IRFB4310PBF Datasheet
381Kb / 12P
HEXFET짰Power MOSFET
IRFZ44NSPBF IRF-IRFZ44NSPBF Datasheet
339Kb / 11P
HEXFET짰Power MOSFET
IRLI3705NPBF IRF-IRLI3705NPBF Datasheet
1Mb / 9P
HEXFET짰Power MOSFET
IRF7821PBF IRF-IRF7821PBF Datasheet
285Kb / 10P
HEXFET짰Power MOSFET
IRF7495PBF IRF-IRF7495PBF Datasheet
147Kb / 8P
HEXFET짰Power MOSFET
IRFB3207PBF IRF-IRFB3207PBF Datasheet
383Kb / 12P
HEXFET짰Power MOSFET
IRFPS40N50LPBF IRF-IRFPS40N50LPBF Datasheet
152Kb / 8P
HEXFET짰Power MOSFET
IRF7474PBF IRF-IRF7474PBF Datasheet
136Kb / 8P
HEXFET짰Power MOSFET
IRFP450NPBF IRF-IRFP450NPBF Datasheet
174Kb / 8P
HEXFET짰Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com