Electronic Components Datasheet Search
  English  ▼

X  

14965 Datasheet(PDF) 3 Page - Atom Lighting

Part # 14965
Description  AT6023 Series III
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

14965 Datasheet(HTML) 3 Page - Atom Lighting

  14965 Datasheet HTML 1Page - Atom Lighting 14965 Datasheet HTML 2Page - Atom Lighting 14965 Datasheet HTML 3Page - Atom Lighting 14965 Datasheet HTML 4Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AT6023/306 4000K
AT6023/306 6500K
ACCESSORIES
Order code
10258
Description
Plaster Recessed Frame
300x600 WHITE to suit
panels (PRE-ASSEMBLED)
Item Code
AT9053/PRF/WH
Order code
11881
Description
Surface-mount one piece
panel frame 300x600mm
White
Item Code
AT9055/306
Order code
11315
Description
1m Panel Suspension Cable
Kit - 4x Striaght 1m Droppers
Item Code
AT9057
Order code
11355
Description
2m Y-Type Panel Suspension
Kit - 2 x Y-type droppers
Item Code
EV-SUSPENSION-Y
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com