Electronic Components Datasheet Search
  English  ▼

X  

SN74HC32D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC32D
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC32D Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC32D Datasheet HTML 1Page - Texas Instruments SN74HC32D Datasheet HTML 2Page - Texas Instruments SN74HC32D Datasheet HTML 3Page - Texas Instruments SN74HC32D Datasheet HTML 4Page - Texas Instruments SN74HC32D Datasheet HTML 5Page - Texas Instruments SN74HC32D Datasheet HTML 6Page - Texas Instruments SN74HC32D Datasheet HTML 7Page - Texas Instruments SN74HC32D Datasheet HTML 8Page - Texas Instruments SN74HC32D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54HC32, SN74HC32
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SCLS200D – DECEMBER 1982 – REVISED AUGUST 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 8 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
SN54HC32 ...J OR W PACKAGE
SN74HC32 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54HC32 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
description/ordering information
The ’HC32 devices contain four independent 2-input OR gates. They perform the Boolean function
Y
+ A • B or Y + A ) B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–40 C to 85 C
PDIP – N
Tube of 25
SN74HC32N
SN74HC32N
–40 C to 85 C
SOIC – D
Tube of 50
SN74HC32D
HC32
–40 C to 85 C
SOIC – D
Reel of 2500
SN74HC32DR
HC32
–40 C to 85 C
Reel of 250
SN74HC32DT
–40
°C to 85°C
SOP – NS
Reel of 2000
SN74HC32NSR
HC32
SSOP – DB
Reel of 2000
SN74HC32DBR
HC32
TSSOP – PW
Tube of 90
SN74HC32PW
HC32
TSSOP – PW
Reel of 2000
SN74HC32PWR
HC32
Reel of 250
SN74HC32PWT
–55 C to 125 C
CDIP – J
Tube of 25
SNJ54HC32J
SNJ54HC32J
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54HC32W
SNJ54HC32W
LCCC – FK
Tube of 55
SNJ54HC32FK
SNJ54HC32FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74HC32D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC32D TI-SN74HC32D Datasheet
518Kb / 15P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32D TI-SN74HC32D Datasheet
699Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32D TI1-SN74HC32D Datasheet
1Mb / 21P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32D TI1-SN74HC32D Datasheet
1Mb / 30P
Quadruple 2-Input Positive-OR Gates
SN74HC32DB TI-SN74HC32DB Datasheet
518Kb / 15P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

Similar Description - SN74HC32D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54AHC32 TI-SN54AHC32_07 Datasheet
1Mb / 32P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN5432 TI-SN5432_98 Datasheet
252Kb / 7P
QUADRUPLE 2-INPUT POSITIVE OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com