Electronic Components Datasheet Search
  English  ▼

X  

LBA100C Datasheet(PDF) 2 Page - Bookham, Inc.

Part # LBA100C
Description  Microchannel Cooler Based Lateral Laser Diode Bar Arrays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LBA100C Datasheet(HTML) 2 Page - Bookham, Inc.

  LBA100C Datasheet HTML 1Page - Bookham, Inc. LBA100C Datasheet HTML 2Page - Bookham, Inc. LBA100C Datasheet HTML 3Page - Bookham, Inc. LBA100C Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
2
Characteristics
[1] Reduced wavelength window / extended range available on request (900-1060nm).
For pumping applications further bins in wavelength and / or in operating current may be offered.
Parameter
Symbol
Typical
Unit
CW Output Power
LBA100
100
LBA200
P
op
200
W
LBA300
300
Center Wavelength
[1]
λ
c
806 ± 3
nm
Spectral Width (FWHM)
∆λ
3nm
Wavelength Shift with Temperature
d
λ
c/dTop
0.26
nm/°C
Beam Divergence (FWHM)
Parallel to Junction
θ
//
10
Perpendicular to Junction
θ⊥
34
deg
Polarization
–TE
Slope Efficiency
η
D
=P
op/(Iop-Ith)
1.1
W/A
Conversion Efficiency
H=P
op/(Vop×Iop)45
%
Series Resistance
R
s
30
m
Ω
Operating Current
I
op
65
A
Operating Voltage per Bar
V
op
2V
Operating Temperature
T
op
25 ±5
°C
Water Flow per Bar
Q
w
0.3 ± 0.04
l/min
Differential Pressure Drop
P
w
0.7
bar



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com