Electronic Components Datasheet Search
  English  ▼

X  

LBA060C Datasheet(PDF) 1 Page - Bookham, Inc.

Part # LBA060C
Description  Macrochannel Cooler Based Lateral Laser Diode Bar Arrays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LBA060C Datasheet(HTML) 1 Page - Bookham, Inc.

  LBA060C Datasheet HTML 1Page - Bookham, Inc. LBA060C Datasheet HTML 2Page - Bookham, Inc. LBA060C Datasheet HTML 3Page - Bookham, Inc. LBA060C Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
1
The Bookham LBA-02 macrochannel cooler based lateral laser
diode bar array series has been designed to provide the high
output power and high reliability required for side pumping of
Nd:YAG solid-state lasers. The proprietary E2 front mirror
passivation process, developed at our Zurich site, prevents
Catastrophic Optical Damage (COD) to the laser diode facet
even at extremely high output powers. The laser diode bars are
mounted on an expansion matched CuW submount onto a
water-cooled macrochannel package providing very high
reliability in CW and pulsed (1-Hz type) applications.
Features:
• Horizontally arranged laser diode bars
• Active macrochannel cooler (water-cooled)
• 20W operating power per bar
• Highly reliable single quantum well MBE structure
• Telecom-grade AuSn mounting technology
• Custom assembly options available
• RoHS compliant
Applications:
• Solid-state laser pumping
• Direct applications such as material processing
• Illumination
LBA-02 806nm Macrochannel Cooler Based
Lateral Laser Diode Bar Arrays
LBAxxxC-806-02


Similar Part No. - LBA060C

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
LBA ILLINOISCAPACITOR-LBA Datasheet
394Kb / 6P
Multiple case sizes - High voltage ??High Current
logo
Bookham, Inc.
LBA100C BOOKHAM-LBA100C Datasheet
342Kb / 4P
Microchannel Cooler Based Lateral Laser Diode Bar Arrays
LBA100C-806-01 BOOKHAM-LBA100C-806-01 Datasheet
342Kb / 4P
Microchannel Cooler Based Lateral Laser Diode Bar Arrays
logo
Clare, Inc.
LBA110 CLARE-LBA110 Datasheet
126Kb / 8P
DUAL POLE OptoMOS Relay
logo
IXYS Corporation
LBA110 IXYS-LBA110 Datasheet
150Kb / 9P
Dual Pole OptoMOS Relay
More results

Similar Description - LBA060C

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
BAC40C-806-01 BOOKHAM-BAC40C-806-01 Datasheet
263Kb / 4P
40W 806nm 30% Fill Factor High Power Laser Diode Bar on Microchannel Cooler
BAC50C BOOKHAM-BAC50C Datasheet
263Kb / 4P
50W 806nm High Power Laser Diode Bar on Microchannel Cooler
BAC80C BOOKHAM-BAC80C Datasheet
261Kb / 4P
80W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC110C BOOKHAM-BAC110C Datasheet
562Kb / 4P
110W 10xxnm High Power Laser Diode Bar on Microchannel Cooler
BAC120C BOOKHAM-BAC120C Datasheet
261Kb / 4P
120W 9xxnm High Power Laser Diode Bar on Microchannel Cooler
BPC50C BOOKHAM-BPC50C Datasheet
234Kb / 4P
50W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC60C BOOKHAM-BPC60C Datasheet
235Kb / 4P
60W 9xxnm 20% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
BPC80C BOOKHAM-BPC80C Datasheet
235Kb / 4P
80W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler
LBA100C BOOKHAM-LBA100C Datasheet
342Kb / 4P
Microchannel Cooler Based Lateral Laser Diode Bar Arrays
VAC80C-915-01 BOOKHAM-VAC80C-915-01 Datasheet
574Kb / 4P
80W 9xxnm High Power Very High Brightness Laser Diode Bar on Microchannel Cooler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com