Electronic Components Datasheet Search
  English  ▼

X  

LC25WC Datasheet(PDF) 4 Page - Bookham, Inc.

Part # LC25WC
Description  2.5 Gb/s CWDM Buried Het Laser 80Km reach
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC25WC Datasheet(HTML) 4 Page - Bookham, Inc.

  LC25WC Datasheet HTML 1Page - Bookham, Inc. LC25WC Datasheet HTML 2Page - Bookham, Inc. LC25WC Datasheet HTML 3Page - Bookham, Inc. LC25WC Datasheet HTML 4Page - Bookham, Inc. LC25WC Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data Sheet
4
Instructions for Use – LC25WC
Pin 1 and Pin 2 Thermistor
The thermistor is used in a control loop in conjunction with the thermo-electric cooler to maintain the laser submount temperature
at the required value for wavelength. Operating current should be less than 100 µA to prevent self-heating errors.
Pin 3 Laser DC bias (-)
Laser bias current (negative with respect to package ground) is applied via this pin which forms one side of the bias-T connection
to the laser cathode.
Pin 4 Monitor anode, Pin 5 Monitor cathode
The back facet monitor provides a mean power reference for the laser and is normally operated with a 5 V reverse bias.
Pin 6 TEC (+), Pin 7 TEC (-)
Applying a positive voltage on pin 6 with respect to pin 7 will cause the internal submount to be cooled relative to the case
temperature. Reversing the polarity will raise the submount temperature relative to the case. The TEC supply should be capable of
delivering up to 0.9 A at 2.4 V.
Pin 8, 9, 11, 13 Case ground
These pins must be grounded in all applications.
Pin 10
This pin is not connected. It should be grounded if possible.
Pin 12 Laser modulation (-)
The data input (modulation current) is applied via this pin which is a nominal 25 Ohm impedance coplanar line.
For 10mW applications the end of life modulation current is 90mA. For all other applications 60mA maximum modulation current
should be provisioned.
Pin 14 N/C
This pin is not connected. It should be grounded if possible.
Pin #
Function
Pin #
Function
1
Thermistor
8
Case Ground
2
Thermistor
9
Case Ground
3
Laser DC bias (-)
10
Not Connected
4
Monitor Anode (-)
11
Case Ground
5
Monitor Cathode (+)
12
Laser Modulation (-)
6
TEC (+)
13
Case Ground
7
TEC (-)
14
Not Connected
Connections



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com