Electronic Components Datasheet Search
  English  ▼

X  

MK10 Datasheet(PDF) 1 Page - Standex Electronics, Inc.

Part # MK10
Description  MK10 Series Reed Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

MK10 Datasheet(HTML) 1 Page - Standex Electronics, Inc.

  MK10 Datasheet HTML 1Page - Standex Electronics, Inc. MK10 Datasheet HTML 2Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA: +1 866.782.6339 | salesusa@standexmeder.com
EMEA: +49 7731/8399-0 | info@standexmeder.com
APAC: +86 21/37606000 | salesasia@standexmeder.com
standexelectronics.com
Series Datasheet
Version 02
28 Feb 2019
Page
M. Reizner
1
MK10 Series Reed Sensors
➢ Features: Supplied in Tubes, Excellent for Low Power
Operations, With Internal Resistor
➢ Applications: On/Off Control Switch, Position Detection,
Switching Element & Others
➢ Markets: Appliance, Telecommunication, Security, Medical
& Others
Part Description:
MK 10 - X - 270
Magnetic Sensitivity
Resistance Value
B, C, D, E
Diverse values available
Customer Options
Switch Model
Unit
Contact Data
87
Rated Power (max.)
Any DC combination of V&A not to exceed their individual max.’s
1
W
Switching Voltage (max.)
DC or peak AC
24
VDC/VAC
Switching Current (max.)
DC or peak AC
0.1
A
Carry Current (max.)
DC or peak AC
0.3
A
Contact Resistance (max.)
@ 0.5V & 50mA
150
mOhm
Breakdown Voltage (min.)
According to EN60255-5
0.210
kVDC
Operating Time (max.)
Incl. Bounce; Measured with w/ Nominal Voltage
0.6
ms
Release Time (max.)
Measured with no Coil Excitation
0.05
ms
Insulation Resistance (typ.)
Rh<45%, 100V Test Voltage
1
GOhm
Capacitance (typ.)
@ 10kHz across open Switch
0.2
pF


Similar Part No. - MK10

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
MK10-SB HELLERMANNTYTON-MK10-SB Datasheet
131Kb / 1P
Application Tooling for Cable Ties
October 2015
logo
Taiyo Yuden (U.S.A.), I...
MK105 TAIYO-YUDEN-MK105 Datasheet
2Mb / 27P
Please read this notice before using the TAIYO YUDEN products.
MK105 TAIYO-YUDEN-MK105 Datasheet
626Kb / 19P
Please read this notice before using the TAIYO YUDEN products
MK105 TAIYO-YUDEN-MK105 Datasheet
568Kb / 25P
Please read this notice before using the TAIYO YUDEN products.
MK105ABJ474V-F TAIYO-YUDEN-MK105ABJ474V-F Datasheet
805Kb / 28P
Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - MK10

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
9231291520 MEDER-9231291520 Datasheet
122Kb / 2P
Reed Sensors
logo
Littelfuse
59010 LITTELFUSE-59010 Datasheet
388Kb / 3P
Reed Sensors
59021 LITTELFUSE-59021 Datasheet
421Kb / 3P
Reed Sensors
59065 LITTELFUSE-59065 Datasheet
587Kb / 3P
Reed Sensors
59090 LITTELFUSE-59090 Datasheet
442Kb / 3P
Reed Sensors
59135 LITTELFUSE-59135 Datasheet
585Kb / 3P
Reed Sensors
59140 LITTELFUSE-59140 Datasheet
607Kb / 3P
Reed Sensors
59145 LITTELFUSE-59145 Datasheet
572Kb / 3P
Reed Sensors
59210 LITTELFUSE-59210 Datasheet
237Kb / 2P
Reed Sensors
59250 LITTELFUSE-59250 Datasheet
410Kb / 3P
Reed Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com