Electronic Components Datasheet Search
  English  ▼

X  

PT10GC Datasheet(PDF) 2 Page - Bookham, Inc.

Part # PT10GC
Description  10Gb/s Coplanar PIN Preamp Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

PT10GC Datasheet(HTML) 2 Page - Bookham, Inc.

  PT10GC Datasheet HTML 1Page - Bookham, Inc. PT10GC Datasheet HTML 2Page - Bookham, Inc. PT10GC Datasheet HTML 3Page - Bookham, Inc. PT10GC Datasheet HTML 4Page - Bookham, Inc. PT10GC Datasheet HTML 5Page - Bookham, Inc. PT10GC Datasheet HTML 6Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet
2
Parameter
Symbol
Min
Typ
Max
Unit
Optical sensitivity 231-1 BER <10-12
[4]
Sens
-18.5
-17
dBm
Optical overload 231-1 BER <10-12
Psat
+1
dBm
High frequency -3 dB corner
[2]
f3 dB
8
9.5
GHz
Return loss S22 (400 KHz to 7 GHz)
-8
dB
PiN bias voltage
Vpd
5
V
Dark current
Id
10
nA
PIN responsivity
[1]
R
0.7
0.8
A/W
Amplifier bias voltage
Vee
-5.2
V
Amplifier current consumption
lee
75
90
mA
Transimpedance gain
[2,3,5]
TZG
1100
1440
1800
Ohms
Notes [1] Optical wavelength between 1525nm – 1575nm.
[2] Load impedance is 50
Ω (AC coupled) with a return loss >20 dB,up to 20 GHz.
[3] Excludes PIN responsivity.
[4] Measured with 10 Gb/s NRZ PRBS data and no FEC.
[5] Differential.
Characteristics
Parameter
Symbol
Min
Max
Unit
Amplifier bias voltage
Vcc
-6
+0.5
V
Operating temperature
[1]
Top
-40
85
°C
Storage temperature
[2]
Tstg
-40
85
°C
Optical input
[3]
po
10
dBm
Fibre bend radius
35
mm
Maximum PIN bias voltage
Vpd
+7.5
V
Notes (Absolute Ratings):
[1] The operating temperature is defined as the temperature of the module case.
[2] The rating is referred to ambient temperature.
[3] The optical level that causes no damage to the module. However, the electrical and optical performance specified in this document may not be guaranteed.
Absolute Ratings
TC = 25°C unless otherwise specified



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com