Electronic Components Datasheet Search
  English  ▼

X  

CD54HC4075 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4075
Description  High-Speed CMOS Logic Triple 3-Input OR Gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4075 Datasheet(HTML) 3 Page - Texas Instruments

  CD54HC4075 Datasheet HTML 1Page - Texas Instruments CD54HC4075 Datasheet HTML 2Page - Texas Instruments CD54HC4075 Datasheet HTML 3Page - Texas Instruments CD54HC4075 Datasheet HTML 4Page - Texas Instruments CD54HC4075 Datasheet HTML 5Page - Texas Instruments CD54HC4075 Datasheet HTML 6Page - Texas Instruments CD54HC4075 Datasheet HTML 7Page - Texas Instruments CD54HC4075 Datasheet HTML 8Page - Texas Instruments CD54HC4075 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Functional Diagram
Logic Diagram
TRUTH TABLE
INPUTS
OUTPUT
nA
nB
nC
nY
LLLL
HX
XH
XHXH
XX
H
H
H = High Voltage Level, L = Low Voltage Level, X = Irrelevant
1A
1C
2B
2C
3B
3
5
1
2
11
12
6
2Y
2A
GND = 7
VCC = 14
3A
1B
4
8
13
3C
1Y
3Y
9
10
nA
nB
nY
nC
CD54HC4075, CD74HC4075, CD54HCT4075, CD74HCT4075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com