Electronic Components Datasheet Search
  English  ▼

X  

AD7845KP Datasheet(PDF) 2 Page - Analog Devices

Part # AD7845KP
Description  LC2MOS Complete 12-Bit Multiplying DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7845KP Datasheet(HTML) 2 Page - Analog Devices

  AD7845KP Datasheet HTML 1Page - Analog Devices AD7845KP Datasheet HTML 2Page - Analog Devices AD7845KP Datasheet HTML 3Page - Analog Devices AD7845KP Datasheet HTML 4Page - Analog Devices AD7845KP Datasheet HTML 5Page - Analog Devices AD7845KP Datasheet HTML 6Page - Analog Devices AD7845KP Datasheet HTML 7Page - Analog Devices AD7845KP Datasheet HTML 8Page - Analog Devices AD7845KP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
(VDD = +15 V,
5%, VSS = –15 V,
5%, VREF = +10 V, AGND = DGND = O V,
VOUT connected to RFB. VOUT load = 2 k , 100 pF. All specifications TMIN to TMAX unless otherwise noted.)
REV. B
–2–
AD7845–SPECIFICATIONS1
Parameter
J Version
K Version
A Version
B Version
S Version
T Version
Units
Test Conditions/Comments
ACCURACY
Resolution
12
12
12
12
12
12
Bits
1 LSB =
V
REF
212
= 2.4 mV
Relative Accuracy
at +25
°C
±1
±1/2
±1
±1/2
±1
±1/2
LSB max
All Grades Are Guaranteed
TMIN to TMAX
±1
±3/4
±1
±3/4
±1
±3/4
LSB max
Monotonic over Temperature
Differential Nonlinearity
±1
±1
±1
±1
±1
±1
LSB max
DAC Register Loaded with
Zero Code Offset Error
All 0s.
at +25
°C
±2
±1
±2
±1
±2
±1mV max
TMIN to TMAX
±3
±2
±3
±2
±4
±3mV max
Offset Temperature Coefficient;
(
∆Offset/∆Temperature)2
±5
±5
±5
±5
±5
±5
µV/°C typ
Gain Error
±3
±2
±3
±2
±3
±2
LSB max
RFB, VOUT Connected
±6
±6
±6
±6
±6
±6
LSB max
RC, VOUT Connected, VREF = +5 V
±6
±6
±6
±6
±6
±6
LSB max
RB, VOUT Connected, VREF = +5 V
±7
±7
±7
±7
±7
±7
LSB max
RA, VOUT Connected, VREF = +2.5 V
Gain Temperature Coefficient;
(
∆Gain/∆Temperature)2
±2
±2
±2
±2
±2
±2
ppm of FSR/
°CR
FB, VOUT Connected
typ
REFERENCE INPUT
Input Resistance, Pin 17
8888
88
k
Ω min
Typical Input Resistance = 12 k
Ω
16
16
16
16
16
16
k
Ω max
APPLICATION RESISTOR
RATIO MATCHING
0.5
0.5
0.5
0.5
0.5
0 5
% max
Matching Between RA, RB, RC
DIGITAL INPUTS
VIH (Input High Voltage)
2.4
2.4
2.4
2.4
2.4
2.4
V min
VIL (Input Low Voltage)
0.8
0.8
0.8
0.8
0.8
0.8
V max
IIN (Input Current)
±1
±1
±1
±1
±1
±1
µA max
Digital Inputs at 0 V and VDD
CIN (Input Capacitance)
2
7777
77
pF max
POWER SUPPLY
4
VDD Range
14.25/15.75
14.25/15.75
14.25/15.75
14.25/15.75
14.25/15.75
14.25/15.75
V min/V max
VSS Range
–14.25/–15.75 –14.25/–15.75 –14.25/–15.75 –14.25/–15.75
–14.25/–15.75 –14.25/–15.75
V min/V max
Power Supply Rejection
∆Gain/∆V
DD
±0.01
±0.01
±0.01
±0.01
±0.01
±0.01
% per % max
VDD = +15 V
± 5%, V
REF = –10 V
∆Gain/∆V
SS
±0.01
±0.01
±0.01
±0.01
±0.01
±0.01
% per % max
VSS = –15 V
± 5%.
IDD
6666
66
mA max
VOUT Unloaded
ISS
4444
44
mA max
VOUT Unloaded
AC PERFORMANCE CHARACTERISTICS
These characteristics are included for Design Guidance and are not subject to test.
DYNAMIC PERFORMANCE
Output Voltage Settling Time
5555
55
µs max
To 0.01% of Full-Scale Range
V
OUT Load = 2 kΩ, 100 pF.
DAC Register Alternately Loaded
with All 0s and All 1s. Typically
2.5
µs at 25°C.
Slew Rate
11
11
11
11
11
11
V/
µs typ
V
OUT Load = 2 kΩ, 100 pF.
Digital-to-Analog
55
55
55
55
55
55
nV–s typ
Measured with V
REF = 0 V.
Glitch Impulse
DAC Register Alternately Loaded
with All 0s and All 1s.
Multiplying Feedthrough
5555
55
mV p-p typ
V
REF = ± 10 V, 10 kHz Sine Wave
Error3
DAC Register Loaded with All 0s.
Unity Gain Small Signal
Bandwidth
600
600
600
600
600
600
kHz typ
V
OUT, RFB Connected. DAC Loaded
with All 1s V
REF = 100 mV p-p
Sine Wave.
Full Power Bandwidth
175
175
175
175
175
175
kHz typ
V
OUT, RFB Connected. DAC Loaded
with All 1s. V
REF = 20 V p-p
Sine Wave. R
L = 2 kΩ.
Total Harmonic Distortion
–90
–90
–90
–90
–90
–90
dB typ
V
REF = 6 V rms, 1 kHz Sine Wave.
OUTPUT CHARACTERISTICS5
Open Loop Gain
85
85
85
85
85
85
dB min
VOUT, RFB Not Connected
VOUT =
±10 V, R
L = 2 k
Ω
Output Voltage Swing
±10
±10
±10
±10
±10
±10
V min
RL = 2 k
Ω, C
L = 100 pF
Output Resistance
0.2
0.2
0.2
0.2
0.2
0.2
Ω typ
RFB, VOUT Connected,
Short Circuit Current @ +25
°C
11
11
11
11
11
11
mA typ
VOUT Shorted to AGND
Output Noise Voltage
Includes Noise Due to Output
(0.1 Hz to 10 Hz) @ +25
°C
2222
22
µV rms typ
Amplifier and Johnson Noise
f = 10 Hz
250
250
250
250
250
250
nV/
√Hz typ
of RFB
f = 100 Hz
100
100
100
100
100
100
nV/
√Hz typ
f = 1 kHz
50
50
50
50
50
50
nV/
√Hz typ
f = 10 kHz
50
50
50
50
50
50
nV/
√Hz typ
f = 100 kHz
50
50
50
50
50
50
nV/
√Hz typ
NOTES
1Temperature ranges are as follows: J, K Versions: 0
°C to +70°C; A, B Versions: –40°C to +85°C; S, T Versions: –55°C to +125°C.
2Guaranteed by design and characterization, not production tested.
3The metal lid on the ceramic D-24A package is connected to Pin 12 (DGND).
4The device is functional with a power supply of
± 12 V.
5Minimum specified load resistance is 2 k
Ω.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com