Electronic Components Datasheet Search
  English  ▼

X  

AS1323 Datasheet(PDF) 6 Page - ams AG

Part # AS1323
Description  1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1323 Datasheet(HTML) 6 Page - ams AG

Back Button AS1323 Datasheet HTML 2Page - ams AG AS1323 Datasheet HTML 3Page - ams AG AS1323 Datasheet HTML 4Page - ams AG AS1323 Datasheet HTML 5Page - ams AG AS1323 Datasheet HTML 6Page - ams AG AS1323 Datasheet HTML 7Page - ams AG AS1323 Datasheet HTML 8Page - ams AG AS1323 Datasheet HTML 9Page - ams AG AS1323 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.austriamicrosystems.com
Revision 1.02
6 - 13
AS1323
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. Minimum Input Startup Voltage vs. Temp.
Figure 10. Shutdown Current vs. Temperature
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
Temperature (°C)
0.1
1
10
100
1000
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 1.5V
VIN = 1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com