Electronic Components Datasheet Search
  English  ▼

X  

96151 Datasheet(PDF) 1 Page - Belden Inc.

Part # 96151
Description  CANopen / DeviceNet Data Double-Ended Cordset: Male angled A-coded
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

96151 Datasheet(HTML) 1 Page - Belden Inc.

  96151 Datasheet HTML 1Page - Belden Inc. 96151 Datasheet HTML 2Page - Belden Inc. 96151 Datasheet HTML 3Page - Belden Inc. 96151 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product: 0935 253 108
CANopen / DeviceNet Data Double-Ended Cordset: Male angled A-coded
black M12 Standard to female angled A-coded black M12 Standard, 50 V AC /
60 V DC, 4 A; PUR black cable, 4-wires, Data: 2x0.25 mm² + Power: 2x0.34
mm²
Product Description
CANopen / DeviceNet Data Double-Ended Cordset: Male angled A-coded black M12 Standard to female angled A-coded black M12 Standard, 50 V AC / 60 V
DC, 4 A; PUR black cable, 4-wires, Data: 2x0.25 mm² + Power: 2x0.34 mm²
Technical Drawing
Technical Specifications
Face View Side 1
Pin 1
Pin 2 Pin 3 Pin 4 Pin 5
shield red
black white blue
Face View Side 2
Pin 1
Pin 2 Pin 3 Pin 4 Pin 5
shield red
black white blue


Similar Part No. - 96151

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
9615 JOHANSON-9615 Datasheet
213Kb / 2P
RF amplifier
logo
Belden Inc.
9615 BELDEN-9615 Datasheet
163Kb / 2P
RS232, #24-10c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
logo
Knowles Electronics
9615 KNOWLES-9615 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
logo
Heyco.
9615 HEYCO-9615 Datasheet
118Kb / 1P
LDPE Sheet Metal Plugs
logo
Belden Inc.
9615-060100 BELDEN-9615-060100 Datasheet
163Kb / 2P
RS232, #24-10c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
More results

Similar Description - 96151

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1201080039 MOLEX11-1201080039 Datasheet
157Kb / 2P
Micro-Change짰 Double-Ended Cordset, Straight, Male to Male
1201080027 MOLEX11-1201080027 Datasheet
157Kb / 2P
Micro-Change Double-Ended Cordset, Straight, Male to Male, 4 Poles, 3.0m (9.84 ) Length, D-Coded Keyway
130025-0073 MOLEX11-130025-0073 Datasheet
33Kb / 2P
DeviceNet Thick Stranded Cable, Double Ended Mini-Change
1300620088 MOLEX11-1300620088 Datasheet
29Kb / 1P
Mini-Change A-Size Double-Ended Cordset, 4 Poles, Male (Straight) to Female
1300620124 MOLEX11-1300620124 Datasheet
29Kb / 1P
Mini-Change A-Size Double-Ended Cordset, 4 Poles, Male (Straight) to Female
1201080267 MOLEX-1201080267 Datasheet
24Kb / 1P
Industrial Ethernet Double-Ended RJ-45 Cordset, Male (Straight) to Male
1201088182 MOLEX-1201088182 Datasheet
23Kb / 1P
Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Male
logo
WAGO Kontakttechnik Gmb...
756-1402-060-050 WAGO-756-1402-060-050 Datasheet
213Kb / 4P
CANopen/DeviceNet cable; M12A socket; angled; 5-pole; Length: 5 m
22.11.2021
756-1402-060-100 WAGO-756-1402-060-100 Datasheet
213Kb / 4P
CANopen/DeviceNet cable; M12A socket; angled; 5-pole; Length: 10 m
22.11.2021
756-1402-060-200 WAGO-756-1402-060-200 Datasheet
213Kb / 4P
CANopen/DeviceNet cable; M12A socket; angled; 5-pole; Length: 20 m
22.11.2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com