Electronic Components Datasheet Search
  English  ▼

X  

16004 Datasheet(PDF) 1 Page - Belden Inc.

Part # 16004
Description  Gigabit Ethernet Cat7 Data Double-Ended Cordset
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

16004 Datasheet(HTML) 1 Page - Belden Inc.

  16004 Datasheet HTML 1Page - Belden Inc. 16004 Datasheet HTML 2Page - Belden Inc. 16004 Datasheet HTML 3Page - Belden Inc. 16004 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product: RSTS 8X-RSTS 8X-S478
Gigabit Ethernet Cat7 Data Double-Ended Cordset: Male straight X-coded
black M12 Standard to male straight X-coded black M12 Standard, shielded,
50 V AC / 60 V DC, 0.5 A; TPE blue cable, 8-wires, 4x2x0.14 mm²
Product Description
Gigabit Ethernet Cat7 Data Double-Ended Cordset: Male straight X-coded black M12 Standard to male straight X-coded black M12 Standard, shielded, 50 V
AC / 60 V DC, 0.5 A; TPE blue cable, 8-wires, 4x2x0.14 mm²
Technical Drawing
Technical Specifications
Face View Side 1
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Pin 7
Pin 8
white (orange) orange white (green) green white (brown) brown white (blue) blue
Face View Side 2
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
Pin 7
Pin 8
white (orange) orange white (green) green white (brown) brown white (blue) blue


Similar Part No. - 16004

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
16004 ARIES-16004 Datasheet
593Kb / 1P
DIP Program Headers
logo
NTE Electronics
16004-ECG NTE-16004-ECG Datasheet
125Kb / 4P
Polymeric Positive Temperature Coefficient
logo
Turck, Inc.
1600400 TURCK-1600400 Datasheet
989Kb / 2P
Inductive Sensor
11/07/2023
logo
PHOENIX CONTACT
1600417 PHOENIX-1600417 Datasheet
44Kb / 2P
M20 x 1.5 locking nut - RC-13041
logo
Weidmuller
1600430000 WEIDMULLER-1600430000 Datasheet
595Kb / 7P
BL 3.50/05/180 SN DKGN BX
More results

Similar Description - 16004

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
gigabit ethernet
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
gigabit ethernet
GENE-BSW5 AAEON-GENE-BSW5 Datasheet
279Kb / 2P
gigabit ethernet
GENE-BT05 AAEON-GENE-BT05 Datasheet
318Kb / 2P
gigabit ethernet
EMB-B75A AAEON-EMB-B75A Datasheet
354Kb / 2P
gigabit ethernet
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
gigabit ethernet
FWS-7400 AAEON-FWS-7400 Datasheet
248Kb / 2P
gigabit ethernet
AEC-6612 AAEON-AEC-6612 Datasheet
252Kb / 2P
gigabit ethernet
logo
Molex Electronics Ltd.
1201080267 MOLEX-1201080267 Datasheet
24Kb / 1P
Industrial Ethernet Double-Ended RJ-45 Cordset, Male (Straight) to Male
1201090003 MOLEX-1201090003 Datasheet
28Kb / 1P
Ultra-Lock (M12) to RJ-45 Industrial Ethernet Double-Ended Cordset, Female
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com