Electronic Components Datasheet Search
  English  ▼

X  

107723 Datasheet(PDF) 4 Page - Belden Inc.

Part # 107723
Description  PROFIBUS Data Double-Ended Cordset: Male straight B-coded black M12
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

107723 Datasheet(HTML) 4 Page - Belden Inc.

  107723 Datasheet HTML 1Page - Belden Inc. 107723 Datasheet HTML 2Page - Belden Inc. 107723 Datasheet HTML 3Page - Belden Inc. 107723 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Update and Revision:
Revision Number: 0.57 Revision Date: 02-03-2025
Variants
Item #
Item Description
Cable Length
11015
0975 254 101/0,3 M 0.3 m
27826
0975 254 101/0,5 M 0.5 m
51066
0975 254 101/0,6 M 0.6 m
11016
0975 254 101/1 M
1 m
11017
0975 254 101/1,5 M 1.5 m
11018
0975 254 101/2 M
2 m
73795
0975 254 101/2,5 M 2.5 m
12589
0975 254 101/3 M
3 m
26569
0975 254 101/4 M
4 m
11019
0975 254 101/5 M
5 m
27870
0975 254 101/6 M
6 m
29275
0975 254 101/7 M
7 m
57771
0975 254 101/7,5 M 7.5 m
57135
0975 254 101/8 M
8 m
67766
0975 254 101/9 M
9 m
27086
0975 254 101/10 M
10 m
6458
0975 254 101/11 M
11 m
45738
0975 254 101/12 M
12 m
62186
0975 254 101/13 M
13 m
6459
0975 254 101/14 M
14 m
28406
0975 254 101/15 M
15 m
67753
0975 254 101/17 M
17 m
67754
0975 254 101/18 M
18 m
47927
0975 254 101/20 M
20 m
14617
0975 254 101/22 M
22 m
67830
0975 254 101/24 M
24 m
47822
0975 254 101/25 M
25 m
67831
0975 254 101/26 M
26 m
934636772 0975 254 101/27 M
27 m
47823
0975 254 101/30 M
30 m
47824
0975 254 101/35 M
35 m
934636773 0975 254 101/37 M
37 m
47923
0975 254 101/40 M
40 m
934636774 0975 254 101/42 M
42 m
47925
0975 254 101/45 M
45 m
47926
0975 254 101/50 M
50 m
3112
0975 254 101/55 M
55 m
107723
0975 254 101/70 M
70 m
© 2025 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com