Electronic Components Datasheet Search
  English  ▼

X  

IP2003ATRPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IP2003ATRPBF
Description  Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors,Drivers&Passives
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2003ATRPBF Datasheet(HTML) 5 Page - International Rectifier

  IP2003ATRPBF Datasheet HTML 1Page - International Rectifier IP2003ATRPBF Datasheet HTML 2Page - International Rectifier IP2003ATRPBF Datasheet HTML 3Page - International Rectifier IP2003ATRPBF Datasheet HTML 4Page - International Rectifier IP2003ATRPBF Datasheet HTML 5Page - International Rectifier IP2003ATRPBF Datasheet HTML 6Page - International Rectifier IP2003ATRPBF Datasheet HTML 7Page - International Rectifier IP2003ATRPBF Datasheet HTML 8Page - International Rectifier IP2003ATRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.irf.com
5
iP2003APbF
Applying the Safe Operating Area (SOA) Curve
The SOA graph incorporates power loss and thermal resistance information in a way that allows one to solve for maximum
current capability in a simplified graphical manner. It incorporates the ability to solve thermal problems where heat is drawn
out through the printed circuit board and the top of the case.
Procedure
1) Draw a line from Case Temp axis at T
CASE to the PCB
Temp axis at T
PCB.
2) Draw a vertical line from the T
X axis intercept to the SOA
curve.
3) Draw a horizontal line from the intersection of the vertical
line with the SOA curve to the Y-axis. The point at which
the horizontal line meets the Y-axis is the SOA current.
Calculating Power Loss and SOA for Different Operating Conditions
To calculate power loss for a given set of operating conditions, the following procedure should be followed:
Determine the maximum current for each iP2003APbF and obtain the maximum power loss from Fig 1. Use the curves
in Figs. 3, 4, 5 and 6 to obtain normalized power loss values that match the operating conditions in the application. The
maximum power loss under the operating conditions is then the product of the power loss from Fig. 1 and the normal-
ized values.
To calculate the SOA for a given set of operating conditions, the following procedure should be followed:
Determine the maximum PCB temperature and Case temperature at the maximum operating current of each
iP2003APbF. Obtain the SOA temperature adjustments that match the operating conditions in the application from
Figs. 3, 4, 5 and 6. Then, add the sum of the SOA temperature adjustments to the Tx axis intercept in Fig 2.
The example below explains how to calculate maximum power loss and SOA.
Example:
Operating Conditions
Output Current = 40A
Input Voltage = 10V
Output Voltage = 3.3V
Sw Freq= 900kHz
Inductor = 0.2µH
TPCB = 100°C, TCASE = 110°C
Calculating Maximum Power Loss:
(Fig. 1)
Maximum power loss
= 15W
(Fig. 3)
Normalized power loss for input voltage ≈ 0.98
(Fig. 4)
Normalized power loss for output voltage ≈ 1.14
(Fig. 5)
Normalized power loss for frequency ≈ 0.94
(Fig. 6)
Normalized power loss for inductor value ≈ 1.013
Calculated Maximum Power Loss for given conditions = 15W x 0.98 x 1.14 x 0.94 x 1.013 ≈ 15.96W
120
10
20
30
40
50
60
70
80
90
100
110
0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
0
102030405060708090
100
110
120
PCB Temperature (ºC)
Safe
Operating
Area
VIN = 12V
VOUT = 1.3V
fSW = 1MHz
L=0.3uH
Case Temperature (ºC
)
TX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com