Electronic Components Datasheet Search
  English  ▼

X  

0912 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 0912
Description  METAL BRUSH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

0912 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  0912 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.5
N
0.5
N
≤0.02 mm
155
ºC
1.5 N
1.2
mm
Preset
-40 to 85ºC
V
rpm
mA
mN.m
rpm
mA
W
mA
m
.
N
m
W
%
Ω
mH
ms
m
c
g
2
mN.m/A
V
/
m
p
r
rpm/mN.m
g
L2:CL10
L3: EN10S
25.2
8
1 mm
0/2.2 mm
L1:10GP
6.8
10
13.2
16.4
19.6
DC BRUSHED CORELESS MOTOR
METAL BRUSH
AM-CL1025MAE SERIES
Precious metal brush
Ball bearings
Motor Model
Nominal voltage
No load speed
±12%
No load current
Max 150%
Max cont. torque
Rated speed
Rated current
Rated power
Starting current
Stall torque
Maximum power output
Maximum efficiency
Terminal resistance
±12%
Inductance
(1KHZ)
Mechanical time constant
Moment of inertia
Torque constant
Speed constant
Speed/ torque gradient
Weight
Recommend
limit for
continuous
operating
ADDITIONAL INFORMATION
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
Standard rear shaft diameter:
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play
Ambient temperature range:
Standard rear shaft length ”L”:
TotalLength (Gearbox andMotor): LT=L1+L2+L3
AM-CL1025MAE Combiniation Scheme
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Recommended Gearbox:
Planetary Gearbox:
AM-10GP
For more combination specs, visit Assun Motor werbsite.
Recommended Encoder:
Encoder S: AM-EN1008S***
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
Download datasheet: https://assunmotor.com/documents-download
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2024-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
L1:12GP
15.4
19.6
23.8
28
32.2
AM-1
GP
1.5
0112
11500
70
1
9100
920
1
4200
5.1
1.5
75
0.35
0.01
3.68
0.15
1.21
7870
11
2300
3
0312
12100
38
2
6830
920
2
2000
4.8
3.1
75
1.4
0.02
3.57
0.13
2.31
4140
11
2590
4.5
0412
11900
25
2.1
7010
640
2.2
1500
4.5
3.3
77
2.8
0.04
3.54
0.15
3.52
2710
11
2240
6
0612
12100
19
1.9
6540
430
1.9
930
4.5
2.9
74
6.3
0.07
3.58
0.11
4.61
2070
11
2880
9
0912
11900
12
2
6680
300
2
680
4.5
3
75
13
0.18
3.56
0.13
7.04
1360
11
2550
36.1
K/W
151
S
12
1212
12500
10
2.1
6050
205
1.3
458
5.1
1.3
81
25.9
0.241
3.7
0.14
11.1
1068
11
2450


Similar Part No. - 0912

ManufacturerPart #DatasheetDescription
logo
GHz Technology
0912-25 GHZTECH-0912-25 Datasheet
299Kb / 3P
25 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
0912-45 GHZTECH-0912-45 Datasheet
287Kb / 3P
45 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
List of Unclassifed Man...
0912-7 ETC1-0912-7 Datasheet
184Kb / 4P
Intemally Matched, Common Base Transistor
logo
GHz Technology
0912-7 GHZTECH-0912-7 Datasheet
332Kb / 3P
7 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
DESCO INDUSTRIES INC
09120 DESCO-09120 Datasheet
490Kb / 3P
WRIST STRAPS & COIL CORDS
More results

Similar Description - 0912

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
Motor driver with DC brush
logo
Mallory performance clu...
3146A MALLORY-3146A Datasheet
44Kb / 2P
REPLACEMENT BRUSH KIT
logo
List of Unclassifed Man...
IG-22GM ETC1-IG-22GM Datasheet
168Kb / 1P
DC CARBON-BRUSH MOTORS
logo
Texas Instruments
TPIC2101 TI1-TPIC2101_12 Datasheet
397Kb / 21P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
DC Brush Motor Drivers
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
DC Brush Motor Drivers
logo
TE Connectivity Ltd
C-2213365 TEC-C-2213365 Datasheet
526Kb / 4P
DIMMABLE PHOTOCONTROL BRUSH CONTACT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com