Electronic Components Datasheet Search
  English  ▼

X  

0109 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 0109
Description  METAL BRUSH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

0109 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  0109 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC BRUSHED CORELESS MOTOR
METAL BRUSH
AM-CL1626MAN SERIES
Nominal voltage
V
1.5
3
3
0109
0308
0310
No load speed
±12%
rpm
9350
8256
10340
No load current Max 150%
mA
68
25
25
1.2
2.5
2.1
Recommend
limit for
continuous
operating
Max cont. torque
mN.m
Rated Speed
rpm
8117
5736
8594
mA
850
750
800
W
1.0
1.5
1.9
Rated Current
Rated Power
Starting current
mA
6000
2400
4615
13
8
9
mN.m
Maximum power output
W
2.2
1.8
3.4
%
80
81
86
Maximum Efficiency
Terminal resistance ±12%
Ω
0.25
1.25
0.65
0.003
0.031
0.016
mH
Z
Mechanical time constant
ms
14.2
12.7
10.3
1.3
1.2
1.2
Moment of inertia
gcm2
Torque constant
mN.m/A
1.5
3.4
2.8
rpm/V
6305
2781
3465
Speed constant
Speed/torque gradient
rpm/mN.m
1041
1012
817
22.6
22.4
22.4
6
0608
8129
10
2.7
6001
400
1.7
1500
10
2.2
84
4.0
0.15
9.8
1.2
7.0
1364
779
22.4
6
0610
10544
18
1.8
9134
350
1.7
2500
13
3.7
84
2.4
0.095
9.9
1.2
5.4
1770
787
22.4
12
1210
10691
10
2.5
8426
250
2.2
1143
12
3.4
82
10.5
0.4
11.2
1.2
10.6
899
888
22.1
12
1212
12075
9.2
2.3
250
2.4
1600
15
4.7
85
7.5
0.29
10.1
1.2
9.4
1012
804
22.2
g
Weight
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
Total Length (Gearbox and Motor): L
T =L1+L2+L3
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
ADDITIONAL INFORMATION
Motor Model
Precious metal brush
Ball Bearings
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Stall torque
Inductance
(1KH )
37.6K/W
3.4 N
36 N
≤0.02 mm
85ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
400S
2.6 N
1.8 mm
Preset
-30 to 65ºC
AM-CL1626MAN Combination Scheme
10247
24
2414
14306
12
2.2
150
2.9
1091
17
6.4
80
22
0.85
10.5
1.2
15.8
603
837
22.4
12476
Download datasheet: https://assunmotor.com/documents-download
L1:16GP
L1:19GP
L2:CL16
15.9
18.8
23.3
23.6
27.0
28.4
26.0
For more combination specs, visit Assun Motor werbsite.
Standard rear shaft diameter:
2 mm
Standard rear shaft length ”L”:
0 mm
Recommended Gearbox:
Planetary Gearbox:
AM-16GP
AM-19GP
Recommended Encoder:
Encoder S: AM-EN1611S***
2~3 Channels
L3: EN16S
10.7
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 0109

ManufacturerPart #DatasheetDescription
logo
ASSUN MOTOR Pte Ltd.
0109 ASSUN-0109 Datasheet
189Kb / 1P
METAL BRUSH
2023-A
logo
RAF ELECTRONIC HARDWARE
0109-SS RAF-0109-SS Datasheet
86Kb / 1P
CAPTIVE PANEL SCREW STYLE 1
logo
Littelfuse
01090001 LITTELFUSE-01090001 Datasheet
1Mb / 1P
101/102/105/107/109/121/125/127/129 Series Rivet/Eyelet Mount Fuse Clips for 1/4?? 13/16??Dia. Fuses
Revised: 04/19/16
01090002 LITTELFUSE-01090002 Datasheet
1Mb / 1P
101/102/105/107/109/121/125/127/129 Series Rivet/Eyelet Mount Fuse Clips for 1/4?? 13/16??Dia. Fuses
Revised: 04/19/16
logo
Weidmuller
0109160000 WEIDMULLER-0109160000 Datasheet
1Mb / 52P
SAK-series
More results

Similar Description - 0109

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
Motor driver with DC brush
logo
Mallory performance clu...
3146A MALLORY-3146A Datasheet
44Kb / 2P
REPLACEMENT BRUSH KIT
logo
List of Unclassifed Man...
IG-22GM ETC1-IG-22GM Datasheet
168Kb / 1P
DC CARBON-BRUSH MOTORS
logo
Texas Instruments
TPIC2101 TI1-TPIC2101_12 Datasheet
397Kb / 21P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
DC Brush Motor Drivers
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
DC Brush Motor Drivers
logo
TE Connectivity Ltd
C-2213365 TEC-C-2213365 Datasheet
526Kb / 4P
DIMMABLE PHOTOCONTROL BRUSH CONTACT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com