Electronic Components Datasheet Search
  English  ▼

X  

1209 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 1209
Description  METAL BRUSH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

1209 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  1209 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
V
rpm
mA
mN.m
rpm
mA
W
mA
m
.
N
m
W
%
Ω
mH
ms
m
c
g
2
mN.m/A
V
/
m
p
r
rpm/mN.m
g
DC BRUSHED CORELESS MOTOR
METAL BRUSH
AM-CL1228MAE SERIES
Precious metal brush
Ball bearings
Motor Model
Nominal voltage
No load speed
±12%
No load current
Max 150%
Max cont. torque
Rated speed
Rated current
Rated power
Starting current
Stall torque
Maximum power output
Maximum efficiency
Terminal resistance
±12%
Inductance
(1KHZ)
Mechanical time constant
Moment of inertia
Torque constant
Speed constant
Speed/ torque gradient
Weight
Recommend
limit for
continuous
operating
ADDITIONAL INFORMATION
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
Standard rear shaft diameter:
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play
Ambient temperature range:
Standard rear shaft length ”L”:
TotalLength (Gearbox andMotor): LT=L1+L2+L3
AM-CL1228MAE Combiniation Scheme
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
For more combination specs, visit Assun Motor werbsite.
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
Download datasheet: https://assunmotor.com/documents-download
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2024-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
31
K/W
0.5
N
0.5
N
≤0.02 mm
125
ºC
1 mm
194
S
1.5 N
1.2
mm
Preset
-40 to 85ºC
0/2.2 mm
L2:CL12
L3: EN10S
28.0
8
L1:10GP
6.8
10
13.2
16.4
19.6
L1:12GP
15.4
19.6
23.8
28
32.2
Recommended Gearbox:
Planetary Gearbox:
AM-10GP
Recommended Encoder:
Encoder S: AM-EN1008S***
AM-1
GP
3
0309
8710
30
2.68
6130
910
2.2
3000
9.8
3.3
81
0.9
0.03
4.55
0.484
3.22
2970
16
898
4.5
0409
8720
20
4.0
5540
841
3.1
2300
11.0
6.0
82
1.9
0.07
4.43
0.533
4.83
1980
16
793
6
0609
8710
15
3.8
5440
606
2.9
1500
10.0
4.4
82
3.5
0.12
4.4
0.496
6.44
1480
16
846
9
0909
8720
10
4.0
5650
427
4.2
1200
11.0
6.3
83
7.1
0.28
4.37
0.559
9.66
989
16
746
12
1209
8710
7.8
3.8
5460
300
2.9
820
10.0
4.4
82
14.3
0.5
4.38
0.498
12.9
741
16
839
18
1809
8710
5.0
3.8
5440
200
2.9
540
10.0
4.4
82
33.0
1.1
4.3
0.495
19.3
494
16
848


Similar Part No. - 1209

ManufacturerPart #DatasheetDescription
logo
Energizer
1209 ENERGIZER-1209 Datasheet
151Kb / 2P
6V SUPER HEAVY DUTY
logo
Ashcroft, Inc.
1209 ASHCROFT-1209 Datasheet
974Kb / 3P
1209 4½˝ Stainless Steel Case Process Gauge
RevI_01-06-23
logo
ASSUN MOTOR Pte Ltd.
1209 ASSUN-1209 Datasheet
244Kb / 1P
STANDARD SERIES
2023-A
1209 ASSUN-1209 Datasheet
587Kb / 1P
SPEED DRIVER INTEGRATED SERIES
2023-A
1209 ASSUN-1209 Datasheet
340Kb / 1P
HIGH POWER SERIES
2023-A
More results

Similar Description - 1209

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
Motor driver with DC brush
logo
Mallory performance clu...
3146A MALLORY-3146A Datasheet
44Kb / 2P
REPLACEMENT BRUSH KIT
logo
List of Unclassifed Man...
IG-22GM ETC1-IG-22GM Datasheet
168Kb / 1P
DC CARBON-BRUSH MOTORS
logo
Texas Instruments
TPIC2101 TI1-TPIC2101_12 Datasheet
397Kb / 21P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
DC Brush Motor Drivers
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
DC Brush Motor Drivers
logo
TE Connectivity Ltd
C-2213365 TEC-C-2213365 Datasheet
526Kb / 4P
DIMMABLE PHOTOCONTROL BRUSH CONTACT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com