Electronic Components Datasheet Search
  English  ▼

X  

0608 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 0608
Description  METAL BRUSH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

0608 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  0608 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC BRUSHED CORELESS MOTOR
METAL BRUSH
Nominal voltage
V
1.5
1.5
3
0109
0108
0310
No load speed
±12%
rpm
9100
7850
10130
No load current Max 150%
mA
60
55
35
1.2
1.3
1.9
Recommend
limit for
continuous
operating
Max cont. torque
mN.m
Rated Speed
rpm
7596
6106
7674
mA
850
800
700
W
1.0
0.9
1.5
Rated Current
Rated Power
Starting current
mA
4839
3409
2778
8
6
7
mN.m
Maximum power output
W
1.8
1.2
2.0
%
79
76
79
Maximum Efficiency
Terminal resistance ±12%
Ω
0.31
0.44
1.08
0.001
0.006
0.038
mH
Z
Mechanical time constant
ms
17.6
18.7
19.0
1.37
1.37
1.37
Moment of inertia
gcm2
Torque constant
mN.m/A
1.6
1.8
2.8
rpm/V
6143
5319
3420
Speed constant
Speed/torque gradient
rpm/mN.m
1225
1304
1323
18.6
18.6
18.6
3
0308
7690
23
2.1
5142
600
1.1
1765
6
1.3
78
1.7
0.058
17.2
1.37
3.7
2597
1201
18.4
6
0610
9875
22
2.2
7202
400
1.6
1418
8
2.1
77
4.23
0.15
16.9
1.3
5.7
1672
1238
18.4
6
0608
7574
18
2.1
4861
300
1.1
805
6
1.2
72
7.45
0.27
17.7
1.3
7.4
1291
1301
18.4
12
1212
12440
14
2.1
250
2.2
1143
10
3.3
79
10.5
0.41
16.9
1.33
9.1
1050
1211
18.5
g
Weight
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
Total Length (Gearbox and Motor): L
T=L1+L2+L3
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
ADDITIONAL INFORMATION
Motor Model
Precious metal brush
Ball Bearings
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Stall torque
Inductance
(1KH )
41.7K/W
0.8 N
26 N
≤0.02 mm
85ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
379S
12 N
1.8 mm
Preset
-30 to 65ºC
AM-CL1623MAN Combination Scheme
9839
Download datasheet: https://assunmotor.com/documents-download
L1:16GP
L1:19GP
L2:CL16
15.9
18.8
23.3
23.6
27.0
28.4
22.50
AM-CL1623MAN SERIES
Recommended Gearbox:
Planetary Gearbox:
AM-16GP
AM-19GP
For more combination specs, visit Assun Motor werbsite.
Standard rear shaft diameter:
2 mm
Standard rear shaft length ”L”:
0/3.7 mm
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 0608

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0608 SCHURTER-0608 Datasheet
417Kb / 3P
Interconnection Cord with IEC Plug E, Angled
logo
Laird Tech Smart Techno...
0608 LSTD-0608 Datasheet
411Kb / 2P
Reliable solid state operation
logo
ASSUN MOTOR Pte Ltd.
0608 ASSUN-0608 Datasheet
224Kb / 1P
METAL BRUSH
2023-A
logo
Weidmuller
0608220000 WEIDMULLER-0608220000 Datasheet
1Mb / 52P
SAK-series
0608260000 WEIDMULLER-0608260000 Datasheet
1Mb / 52P
SAK-series
More results

Similar Description - 0608

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
Motor driver with DC brush
logo
Mallory performance clu...
3146A MALLORY-3146A Datasheet
44Kb / 2P
REPLACEMENT BRUSH KIT
logo
List of Unclassifed Man...
IG-22GM ETC1-IG-22GM Datasheet
168Kb / 1P
DC CARBON-BRUSH MOTORS
logo
Texas Instruments
TPIC2101 TI1-TPIC2101_12 Datasheet
397Kb / 21P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
DC Brush Motor Drivers
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
DC Brush Motor Drivers
logo
TE Connectivity Ltd
C-2213365 TEC-C-2213365 Datasheet
526Kb / 4P
DIMMABLE PHOTOCONTROL BRUSH CONTACT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com