Electronic Components Datasheet Search
  English  ▼

X  

0606 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 0606
Description  METAL BRUSH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

0606 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  0606 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC BRUSHED CORELESS MOTOR
METAL BRUSH
ADDITIONAL INFORMATION
AM-CL2532MAN SERIES
Download datasheet: https://assunmotor.com/documents-download
For more combination specs, visit Assun Motor werbsite.
Recommended Encoder:
Encoder S: AM-EN1611S***
2~3 Channels
Precious metal brush
Ball bearings
Motor Model
Nominal voltage
V
No load speed
±12%
rpm
No load current
Max 150%
mA
Recommend limit
for continuous
operation
Max cont. torque
mN.m
Rated speed
rpm
Rated current
mA
Rated power
W
Starting current
mA
mN.m
Stall torque
Maximum power output
W
%
Maximum efficiency
Terminal resistance
±12%
Ω
Inductance
(1KHZ)
mH
Mechanical time constant
ms
gcm²
Moment of inertia
Torque constant
mN.m/A
rpm/V
Speed constant
Speed/torque gradient
rpm/mN.m
7.7
1204
12
4070
20
3035
300
2.5
1121
30
3.2
75
10.7
0.87
14.1
10.1
27.7
345
133.6
72.4
1206
12
6592
24
6.5
5717
400
3.9
2857
49
8.4
83
4.2
0.34
14.4
10.2
17.2
554
135.0
72.6
0604
6
4155
37
7.6
3125
600
2.5
2308
31
3.4
76
2.6
0.02
15.0
10.6
13.6
704
134.9
73.0
0606
6
6073
53
6.0
5279
700
3.3
5000
46
7.3
80
1.2
0.086
13.9
10.1
9.3
1023
131.5
72.4
0304
3
3993
74
6.2
3162
950
2.0
4286
30
3.1
75
0.7
0.048
14.8
10.5
7.1
1354
134.5
72.9
0306
3
6010
120
3.9
5420
950
2.2
8571
40
6.2
78
0.35
0.014
17.1
10.8
4.7
2032
151.3
73.3
g
Weight
Motor thermal resistance:
Motor thermal time constant:
780 S
Axial (dynamic):
7.3 N
16.6 K/W
Radial (5mm from mounting face):
8.0N
Press-fit force (static):
16(120)N
Max allowable screw depth into flange:
3.0mm
Maximum radial play (5mm from mounting face):
≤0.02 mm
Axial play
Preset
Maximum winding temperature:
Ambient temperature range:
-30 to ºC65
TotalLength (Gearbox andMotor): L
T=L1+L2+L3
85ºC
L2:CL25
L3: EN16S
32.0
10.7
Recommended Gearbox:
Planetary Gearbox:
AM-24GP
AM-26GP
AM-CL2532MAN Combination Scheme
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Standard rear shaft diameter:
1.5 mm
Standard rear shaft length ”L”:
0/3.7 mm
11.2
2406
24
6166
15
5110
220
4.0
1212
44
7.1
79
19.8
1.48
14.8
10.1
36.7
260
140.3
72.4
2405
24
4850
9.5
7.5
3315
250
3.9
769
35
4.5
79
2.36
13.3
9.28
46.7
205
72.2
31.2
136.8
6.7
2408
24
8280
20
7385
262
5.8
2242
60
6.4
82
10.7
0.87
14.1
10.1
27.7
345
133.6
72.4
L1: 26GP
L1: 24GP
24.0
34.3
42.8
36
44.5
25.7
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 0606

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
0606 LSTD-0606 Datasheet
570Kb / 2P
Precise temperature control
logo
Visual Communications C...
0606 VCC-0606 Datasheet
636Kb / 10P
SpectraBright Series 0606 Package Size SMD RGB and Bi-Color LEDs
11/22
logo
ASSUN MOTOR Pte Ltd.
0606 ASSUN-0606 Datasheet
210Kb / 1P
METAL BRUSH
2023
0606 ASSUN-0606 Datasheet
136Kb / 1P
METAL BRUSH
2020
0606 ASSUN-0606 Datasheet
219Kb / 1P
METAL BRUSH
2023-A
More results

Similar Description - 0606

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2101 TI-TPIC2101 Datasheet
251Kb / 18P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
Motor driver with DC brush
logo
Mallory performance clu...
3146A MALLORY-3146A Datasheet
44Kb / 2P
REPLACEMENT BRUSH KIT
logo
List of Unclassifed Man...
IG-22GM ETC1-IG-22GM Datasheet
168Kb / 1P
DC CARBON-BRUSH MOTORS
logo
Texas Instruments
TPIC2101 TI1-TPIC2101_12 Datasheet
397Kb / 21P
DC BRUSH MOTOR CONTROLLER
logo
Rohm
BD6210HFP-TR ROHM-BD6210HFP-TR Datasheet
1Mb / 24P
DC Brush Motor Drivers
BD6220F-E2 ROHM-BD6220F-E2 Datasheet
1Mb / 25P
DC Brush Motor Drivers
BD6230F-E2 ROHM-BD6230F-E2 Datasheet
1Mb / 28P
DC Brush Motor Drivers
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
DC Brush Motor Drivers
logo
TE Connectivity Ltd
C-2213365 TEC-C-2213365 Datasheet
526Kb / 4P
DIMMABLE PHOTOCONTROL BRUSH CONTACT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com